Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5501DT15RKG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5501DT15RKG
Description  500 mA Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5501DT15RKG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5501DT15RKG Datasheet HTML 1Page - ON Semiconductor NCP5501DT15RKG Datasheet HTML 2Page - ON Semiconductor NCP5501DT15RKG Datasheet HTML 3Page - ON Semiconductor NCP5501DT15RKG Datasheet HTML 4Page - ON Semiconductor NCP5501DT15RKG Datasheet HTML 5Page - ON Semiconductor NCP5501DT15RKG Datasheet HTML 6Page - ON Semiconductor NCP5501DT15RKG Datasheet HTML 7Page - ON Semiconductor NCP5501DT15RKG Datasheet HTML 8Page - ON Semiconductor NCP5501DT15RKG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCP5500, NCV5500, NCP5501, NCV5501
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS VIN = 2.5 V or (VOUT + 1.0 V), whichever is higher, CO = 4.7 mF, −40°C < TA < 85°C (<125°C for
NCV versions), TJ < 150°C unless otherwise noted.
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
OUTPUT
Output Voltage (Note 6)
Fixed Output Versions
Adjustable Voltage Versions
VOUT
TA = 25°C, IO = 50 mA
TA = 25°C, IO = 50 mA
±2.9%
±2.9%
V
Output Voltage (Notes 6 and 7)
VOUT
1.0 mA < IO < 500 mA
−4.9%
+4.9%
V
Line Regulation (Note 7)
REGLINE
IO = 50 mA
2.5 V or (VOUT + 1.0 V) < VIN < 16 V
0.1
1.0
%
Load Regulation (Note 7)
REGLOAD
1.0 mA < IO < 500 mA
0.35
1.0
%
Dropout Voltage
Fixed Output Versions
VDO
(Note 8)
IO = 1.0 mA, DVOUT = −2%
IO = 500 mA, DVOUT = −2%
20
300
90
700
mV
Dropout Voltage
Adjustable Output Versions
VDO
(Note 9)
IO = 1.0 mA, DVOUT = −2%
IO = 500 mA, DVOUT = −2%
20
300
90
700
mV
Ground Current
IGND
IO = 100 mA
IO = 500 mA (Note 7)
300
10
500
20
mA
mA
Quiescent Current in Shutdown
(NCP5500, NCV5500)
Iq
Adjustable and 1.5 V versions
All other versions
30
40
50
50
mA
Current Limit
IOUT(LIM)
VOUT = 0 V (Note 7)
500
700
900
mA
Ripple Rejection Ratio
RR
f = 120 Hz
75
dB
Output Noise Voltage (Note 10)
Vn
f = 10 Hz to 100 kHz, VIN = 2.5 V
VOUT = 1.25 V, IO = 1.0 mA
f = 10 Hz to 100 kHz, VIN = 2.5 V
VOUT = 1.25 V, IO = 100 mA
20
34
mVrms
Minimum Output Capacitance /
ESR for Stability
COUT
/ ESR
5.0 mA < IO < 500 mA
TA = 25°C
4.7 mF / 3 W
ENABLE (NCP5500, NCV5500 Only)
Enable Voltage
VENoff
VENon
OFF (shutdown) State
ON (enabled) State
2.0
0.4
V
Enable Pin Bias Current
IEN
VEN = VIN, VIN = 2.5 V, IO = 1.0 mA
1.0
mA
ADJUST
Adjust Pin Current (Note 11)
IADJ
VEN = VIN, VADJ = 1.25 V, VOUT = 1.25 V
60
nA
THERMAL SHUTDOWN
Thermal Shutdown Temperature (Note 11)
TSD
IO = 100 mA
150
210
°C
6. Deviation from nominal. For adjustable versions, Pin ADJ connected to OUT.
7. Use pulse loading to limit power dissipation (duration < 100 mS and duty cycle < 1%).
8. VDO = VIN − VOUT. For <2.5 V versions, VDO will be constrained by the minimum input voltage of 2.5 V.
9. VDO = VIN − VOUT. For output voltage set to <2.5 V, VDO will be constrained by the minimum input voltage.
10.Vn for other fixed voltage versions, as well as adjustable versions set to other output voltages, can be calculated from the following formula:
Vn = Vn(x) * (VOUT − 1.25) / 1.25, where Vn(x) is the typical value from the table above.
11. Not tested in production. Limits are guaranteed by design.


Similar Part No. - NCP5501DT15RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5501DT15RKG ONSEMI-NCP5501DT15RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
More results

Similar Description - NCP5501DT15RKG

ManufacturerPart #DatasheetDescription
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
ON Semiconductor
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
TLV766-Q1 TI-TLV766-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   TLV766-Q1 500-mA, 16-V Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com