Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2220AMUT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS2220AMUT1G
Description  Low Voltage Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2220AMUT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCS2220AMUT1G Datasheet HTML 1Page - ON Semiconductor NCS2220AMUT1G Datasheet HTML 2Page - ON Semiconductor NCS2220AMUT1G Datasheet HTML 3Page - ON Semiconductor NCS2220AMUT1G Datasheet HTML 4Page - ON Semiconductor NCS2220AMUT1G Datasheet HTML 5Page - ON Semiconductor NCS2220AMUT1G Datasheet HTML 6Page - ON Semiconductor NCS2220AMUT1G Datasheet HTML 7Page - ON Semiconductor NCS2220AMUT1G Datasheet HTML 8Page - ON Semiconductor NCS2220AMUT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCS2220A
http://onsemi.com
5
500
300
600
200
400
0
700
0.5
−100
4.93
50
4.90
0
−50
4.88
VCC, SUPPLY VOLTAGE (V)
Figure 7. NCS2220A Output Voltage
High State versus Temperature
1.2
1.0
0.8
0.6
0.4
0.2
0
INPUT OVERDRIVE (mV)
4.95
0
3.0
6.0
0
150
100
50
200
0.3
0.6
0.2
0.4
0
0.7
0.8
VCC = 5.0 V
TA = 25°C
tPLH
TA, AMBIENT TEMPERATURE (°C)
4.89
4.91
4.92
4.94
100
150
100
tPHL
0.1
0
150
100
50
200
VCC = 2.7 V
TA = 25°C
tPLH
tPHL
INPUT OVERDRIVE (mV)
TA = 25°C
Input Overdrive = 100 mV
tLH
tHL
1.0
2.0
4.0
5.0
VCC
Output
10
ms/Div
Input Overdrive = 50 mV
Figure 8. NCS2220A Propagation Delay versus
Temperature
Figure 9. NCS2220A Output Response Time
versus Supply Voltage
Figure 10. NCS2220A Propagation Delay
versus Input Overdrive
Figure 11. NCS2220A Propagation Delay
versus Input Overdrive
Figure 12. NCS2220A Powerup Delay
−50
50
0.2
0
−25
0
1.0
TA, AMBIENT TEMPERATURE (°C)
0.4
0.6
0.8
75
100
25
tPHL
tPLH
VCC = 5.0 V
ILOAD = 4.0 mA
VCC = 5.0 V
Input Overdrive = 50 mV


Similar Part No. - NCS2220AMUT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2220AMUT1G ONSEMI-NCS2220AMUT1G Datasheet
117Kb / 9P
   Low Voltage Comparator
April, 2013 ??Rev. 2
More results

Similar Description - NCS2220AMUT1G

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM742B ELM-TECH-ELM742B Datasheet
60Kb / 3P
   Low voltage comparator
logo
NXP Semiconductors
NCX2220 PHILIPS-NCX2220_15 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
Shenzhen Huazhimei Semi...
LMV331 HMSEMI-LMV331 Datasheet
1Mb / 6P
   Low Voltage Comparator
logo
Fairchild Semiconductor
FAN156 FAIRCHILD-FAN156 Datasheet
733Kb / 9P
   Low Voltage Comparator
logo
NXP Semiconductors
NCX2220 NXP-NCX2220 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_09 Datasheet
137Kb / 10P
   Low Voltage Comparator
October, 2009 ??Rev. 1
logo
NXP Semiconductors
NCX2200 PHILIPS-NCX2200_15 Datasheet
1Mb / 18P
   Low voltage comparator
Rev. 6-9 July 2014
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_13 Datasheet
117Kb / 9P
   Low Voltage Comparator
April, 2013 ??Rev. 2
logo
NXP Semiconductors
NCX2220GU NXP-NCX2220GU Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
FAN156 ONSEMI-FAN156 Datasheet
268Kb / 9P
   Low Voltage Comparator
November-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com