Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2500SQT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2500SQT2G
Description  1.1 mA 200 MHz Current Feedback Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2500SQT2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2500SQT2G Datasheet HTML 1Page - ON Semiconductor NCS2500SQT2G Datasheet HTML 2Page - ON Semiconductor NCS2500SQT2G Datasheet HTML 3Page - ON Semiconductor NCS2500SQT2G Datasheet HTML 4Page - ON Semiconductor NCS2500SQT2G Datasheet HTML 5Page - ON Semiconductor NCS2500SQT2G Datasheet HTML 6Page - ON Semiconductor NCS2500SQT2G Datasheet HTML 7Page - ON Semiconductor NCS2500SQT2G Datasheet HTML 8Page - ON Semiconductor NCS2500SQT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2005
May, 2005 − Rev. 1
1
Publication Order Number:
NCS2500/D
NCS2500
1.1 mA 200 MHz Current
Feedback Op Amp
NCS2500 is a 1.1 mA 200 MHz current feedback monolithic
operational amplifier featuring high slew rate and low differential gain
and phase error. The current feedback architecture allows for a
superior bandwidth and low power consumption.
Features
−3.0 dB Small Signal BW (A
V = +2.0, VO = 0.5 Vp−p) 200 MHz Typ
Slew Rate 450 V/ms
Supply Current 1.1 mA
Input Referred Voltage Noise 4.0 nV/ Hz
THD −55 dB (f = 5.0 MHz, V
O = 2.0 Vp−p)
Output Current 100 mA
Pin Compatible with EL5161, LMH6723, MAX4452
Pb−Free Packages are Available
Applications
Portable Video
Line Drivers
Radar/Communication Receivers
Set Top Box
NTSC/PAL/HDTV
Figure 1. Frequency Response:
Gain (dB) vs. Frequency Av = +2.0, RL = 100 W
2
1
−1
−2
−3
−4
−6
0.01
1
100
1000
FREQUENCY (MHz)
0
−5
3
VS = ±5V
VOUT = 0.7V
Gain = +2
RF = 1.2kW
RL = 100W
VS = ±5V
VOUT = 0.5V
VS = ±2.5V
VOUT = 2.0V
VS = ±5V
VOUT = 2.0V
VS = ±2.5V
VOUT = 0.7V
VS = ±2.5V
VOUT = 0.5V
0.1
10
MARKING
DIAGRAMS
SO−8
D SUFFIX
CASE 751
YA0, N2500 = NCS2500
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
1
8
N2500
ALYW
G
1
8
SC−70−5
(SC−88A)
SQ SUFFIX
CASE 419A
YA0M
5
1
5
4
1 2
3
1
5
SOT23−5
(TSOP−5)
SN SUFFIX
CASE 483
1
5
YA0YW
http://onsemi.com
8
7
6
5
1
2
3
4
NC
−IN
+IN
VEE
NC
VCC
OUT
NC
(Top View)
SO−8 PINOUT
+
1
3
−IN
OUT
2
VEE
+IN
4
VCC
5
(Top View)
SOT23−5/SC70−5 PINOUT
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
G
G


Similar Part No. - NCS2500SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
NCS2500 ONSEMI-NCS2500 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
NCS2500 ONSEMI-NCS2500_06 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
More results

Similar Description - NCS2500SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
[Old version datasheet]   1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com