Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2502 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCS2502
Description  650 uA 110 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2502 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCS2502 Datasheet HTML 3Page - ON Semiconductor NCS2502 Datasheet HTML 4Page - ON Semiconductor NCS2502 Datasheet HTML 5Page - ON Semiconductor NCS2502 Datasheet HTML 6Page - ON Semiconductor NCS2502 Datasheet HTML 7Page - ON Semiconductor NCS2502 Datasheet HTML 8Page - ON Semiconductor NCS2502 Datasheet HTML 9Page - ON Semiconductor NCS2502 Datasheet HTML 10Page - ON Semiconductor NCS2502 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCS2502
http://onsemi.com
7
DC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V, VEE = −2.5 V, TA = −40°C to +85°C, RL = 100 W to GND, RF = 1.2 kW,
AV = +2.0, Enable is left open, unless otherwise specified).
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
VIO
Input Offset Voltage
−8.0
0
+8.0
mV
DVIO/DT
Input Offset Voltage
Temperature Coefficient
6.0
mV/°C
IIB
Input Bias Current
+Input (Non−Inverting), VO = 0 V
−Input (Inverting), VO = 0 V (Note 5)
−20
−20
"3.0
"0.4
+20
+20
mA
DIIB/DT
Input Bias Current
Temperature Coefficient
+Input (Non−Inverting), VO = 0 V
−Input (Inverting), VO = 0 V
+40
−10
nA/
°C
VIH
Input High Voltage (Enable)
(Note 5)
VCC−1.5 V
V
VIL
Input Low Voltage (Enable)
(Note 5)
VCC−3.5 V
V
INPUT CHARACTERISTICS
VCM
Input Common Mode Voltage
Range (Note 5)
"1.3
"1.5
V
CMRR
Common Mode Rejection
Ratio
(See Graph)
50
55
dB
RIN
Input Resistance
+Input (Non−Inverting)
−Input (Inverting)
4
350
M
W
W
CIN
Differential Input
Capacitance
1.0
pF
OUTPUT CHARACTERISTICS
ROUT
Output Resistance
0.02
W
VO
Output Voltage Swing
"1.1
"1.4
V
IO
Output Current
"40
"80
mA
POWER SUPPLY
VS
Operating Voltage Supply
5.0
V
IS,ON
Power Supply Current −
Enabled
VO = 0 V
0.3
0.55
1.1
mA
IS,OFF
Power Supply Current −
Disabled
VO = 0 V
0
0.04
0.3
mA
PSRR
Power Supply Rejection
Ratio
(See Graph)
50
60
dB
5. Guaranteed by design and characterization.
+
VIN
RL
RF
RF
VOUT
Figure 4. Typical Test Setup
(AV = +2.0, RF = 1.8 kW or 1.2 kW or 1.0 kW, RL = 100 W)


Similar Part No. - NCS2502

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2502 ONSEMI-NCS2502 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
More results

Similar Description - NCS2502

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2552 ONSEMI-NCS2552 Datasheet
266Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2535 ONSEMI-NCS2535_06 Datasheet
233Kb / 13P
   Triple 1.4 GHz Current Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com