Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8512 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8512
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8512 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8512 Datasheet HTML 1Page - ON Semiconductor NCV8512 Datasheet HTML 2Page - ON Semiconductor NCV8512 Datasheet HTML 3Page - ON Semiconductor NCV8512 Datasheet HTML 4Page - ON Semiconductor NCV8512 Datasheet HTML 5Page - ON Semiconductor NCV8512 Datasheet HTML 6Page - ON Semiconductor NCV8512 Datasheet HTML 7Page - ON Semiconductor NCV8512 Datasheet HTML 8Page - ON Semiconductor NCV8512 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 0
1
Publication Order Number:
NCV8512/D
NCV8512
5.0 V Micropower 150 mA
LDO Linear Regulator with
DELAY, Adjustable RESET,
and Monitor FLAG
The NCV8512 is a 5.0 V precision micropower voltage regulator.
The output current capability is 150 mA.
The output voltage is accurate within
±2.0% with a maximum
dropout voltage of 0.6 V at 150 mA. Low quiescent current is a feature
drawing only 130
mA with a 100 mA load. This part is ideal for any and
all battery operated microprocessor equipment.
Microprocessor control logic includes an active RESET (with
DELAY), and a FLAG monitor which can be used to provide an early
warning signal to the microprocessor of a potential impending RESET
signal. The use of the FLAG monitor allows the microprocessor to
finish any signal processing before the RESET shuts the
microprocessor down.
The active RESET circuit operates correctly at an output voltage as
low as 1.0 V. The RESET function is activated during the power up
sequence or during normal operation if the output voltage drops
outside the regulation limits.
The reset threshold voltage can be decreased by the connection of an
external resistor divider to RADJ lead.
The regulator is protected against reverse battery, short circuit, and
thermal overload conditions. The device can withstand load dump
transients making it suitable for use in automotive environments. The
device has also been optimized for EMC conditions.
Features
5.0 V ± 2.0% Output
Low 130 mA Quiescent Current
Active RESET
Adjustable Reset
150 mA Output Current Capability
Fault Protection
+60 V Peak Transient Voltage
−15 V Reverse Voltage
Short Circuit
Thermal Overload
Early Warning through FLAG/MON Leads
Thermally Enhanced in SOW−16 Exposed Pad
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
G
= Pb−Free Device
http://onsemi.com
MARKING
DIAGRAM
SOIC 16 LEAD
WIDE BODY
EXPOSED PAD
PW SUFFIX
CASE 751AG
1
16
NCV8512
AWLYYWWG
1
16
PIN CONNECTIONS*
RADJ
MON
DELAY
VIN
NC
NC
NC
NC
GND
NC
NC
NC
RESET
VOUT
FLAG
NC
116
*Pin connections for reference only.


Similar Part No. - NCV8512

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8518 ONSEMI-NCV8518 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518APDG ONSEMI-NCV8518APDG Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518APDR2G ONSEMI-NCV8518APDR2G Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518APWG ONSEMI-NCV8518APWG Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
More results

Similar Description - NCV8512

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV4279 ONSEMI-NCV4279_05 Datasheet
114Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2005 ??Rev. 3
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269C ONSEMI-NCV4269C Datasheet
156Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV4269 ONSEMI-NCV4269_07 Datasheet
145Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
February, 2007 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com