Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL204CE Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL204CE
Description  Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL204CE Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL204CE Datasheet HTML 2Page - Analog Devices ADXL204CE Datasheet HTML 3Page - Analog Devices ADXL204CE Datasheet HTML 4Page - Analog Devices ADXL204CE Datasheet HTML 5Page - Analog Devices ADXL204CE Datasheet HTML 6Page - Analog Devices ADXL204CE Datasheet HTML 7Page - Analog Devices ADXL204CE Datasheet HTML 8Page - Analog Devices ADXL204CE Datasheet HTML 9Page - Analog Devices ADXL204CE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADXL204
Rev. A | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3.3 V for all graphs, unless otherwise noted.
0
35
20
25
30
15
10
5
VOLTS (V)
Figure 4. X-Axis Zero g Bias Output at 25°C
0
25
20
15
10
5
mg/°C
Figure 5. X-Axis Zero g Bias Temperature Coefficient
0
60
40
50
30
20
10
V/g
Figure 6. X-Axis Sensitivity at 25°C
0
35
20
25
30
15
10
5
VOLTS (V)
Figure 7. Y-Axis Zero g Bias Output at 25°C
0
25
20
15
10
5
mg/°C
Figure 8. Y-Axis Zero g Bias Temperature Coefficient
0
70
60
40
50
30
20
10
V/g
Figure 9. Y-Axis Sensitivity at 25°C


Similar Part No. - ADXL204CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202AE AD-ADXL202AE Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202AQC AD-ADXL202AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL202E AD-ADXL202E Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
More results

Similar Description - ADXL204CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
   Dual-Axis, High-g, MEMS Accelerometers
REV. A
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com