Electronic Components Datasheet Search |
|
REF191ESZ-REEL Datasheet(PDF) 6 Page - Analog Devices |
|
REF191ESZ-REEL Datasheet(HTML) 6 Page - Analog Devices |
6 / 28 page REF19x Series Rev. I | Page 6 of 28 ELECTRICAL CHARACTERISTICS—REF192 @ −40°C ≤ TA ≤ +85°C @ VS = 3.3 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted. Table 6. Parameter Mnemonic Condition Min Typ Max Unit TEMPERATURE COEFFICIENT1, 2 E Grade TCVO/°C IOUT = 0 mA 2 5 ppm/°C F Grade 5 10 ppm/°C G Grade3 10 25 ppm/°C LINE REGULATION4 E Grade ΔVO/ΔVIN 3.0 V ≤ VS ≤ 15 V, IOUT = 0 mA 5 10 ppm/V F and G Grades 10 20 ppm/V LOAD REGULATION4 E Grade ΔVO/ΔVLOAD VS = 5.0 V, 0 mA ≤ IOUT ≤ 25 mA 5 15 ppm/mA F and G Grades 10 20 ppm/mA DROPOUT VOLTAGE VS − VO VS = 3.5 V, ILOAD = 10 mA 1.00 V VS = 4.0 V, ILOAD = 25 mA 1.50 V SLEEP PIN Logic High Input Voltage VH 2.4 V Logic High Input Current IH −8 μA Logic Low Input Voltage VL 0.8 V Logic Low Input Current IL −8 μA SUPPLY CURRENT No load 45 μA Sleep Mode No load 15 μA 1 For proper operation, a 1 μF capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/°C. TCVO = (VMAX − VMIN)/VO(TMAX − TMIN) 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. ELECTRICAL CHARACTERISTICS—REF192 @ −40°C ≤ TA ≤ +125°C @ VS = 3.3 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted. Table 7. Parameter Mnemonic Condition Min Typ Max Unit TEMPERATURE COEFFICIENT1, 2 E Grade TCVO/°C IOUT = 0 mA 2 ppm/°C F Grade 5 ppm/°C G Grade3 10 ppm/°C LINE REGULATION4 E Grade ΔVO/ΔVIN 3.0 V ≤ VS ≤ 15 V, IOUT = 0 mA 10 ppm/V F and G Grades 20 ppm/V LOAD REGULATION4 E Grade ΔVO/ΔVLOAD VS = 5.0 V, 0 mA ≤ IOUT ≤ 20 mA 10 ppm/mA F and G Grades 20 ppm/mA DROPOUT VOLTAGE VS − VO VS = 3.5 V, ILOAD = 10 mA 1.00 V VS = 4.0 V, ILOAD = 20 mA 1.50 V 1 For proper operation, a 1 μF capacitor is required between the output pin and the GND pin of the device. 2 TCVO is defined as the ratio of output change with temperature variation to the specified temperature range expressed in ppm/°C. TCVO = (VMAX − VMIN)/VO(TMAX − TMIN) 3 Guaranteed by characterization. 4 Line and load regulation specifications include the effect of self-heating. |
Similar Part No. - REF191ESZ-REEL |
|
Similar Description - REF191ESZ-REEL |