Electronic Components Datasheet Search |
|
Z86E7316FSC Datasheet(PDF) 1 Page - Zilog, Inc. |
|
Z86E7316FSC Datasheet(HTML) 1 Page - Zilog, Inc. |
1 / 74 page DS96LVO1100 P R E L I M I N A R Y 1-1 1 PRELIMINARY PRODUCT SPECIFICATION Z86E72/73 1 OTP IR MICROCONTROLLERS FEATURES s Low Power Consumption - 60 mW (Typical) s Two Standby Modes (Typical) – STOP - 2 µA – HALT - 0.8 mA s Special Architecture to Automate Both Generation and Reception of Complex Pulses or Signals: – One Programmable 8-Bit Counter/Timer with Two Capture Registers – One Programmable 16-Bit Counter/Timer with One Capture Register – Programmable Input Glitch Filter for Pulse Reception s Five Priority Interrupts – Three External – Two Assigned to Counter/Timers s Two Independent Comparators with Programmable Interrupt Polarity s On-Chip Oscillator that Accepts a Crystal, Ceramic Resonator, LC, RC (mask option), or External Clock Drive s Software Selectable 200 kOhms Pull-Ups on Ports 0 and Port 2 – All Eight Port 2 Bits at One Time or Not Pull-Ups Automatically Disabled Upon Selecting Individual Pins as Outputs. s Software Mouse/Trackball Interface on P00 Through P03 GENERAL DESCRIPTION The Z86E7X family of IR (Infrared) CCP™ (Consumer Con- troller Processor) are OTP-based members of the Z8® sin- gle-chip microcontroller family with 256 or 768 bytes of general-purpose RAM. The only differentiating factor be- tween the E72/73 versions is the availability of RAM and ROM. This EPROM Microcontroller family of OTP IR con- trollers also offer the use of external memory which en- ables this Z8 microcontroller to be used where code flexi- bility is required. Zilog's CMOS microcontrollers offer fast execution, efficient use of memory, sophisticated inter- rupts, input/output bit manipulation capabilities, automated pulse generation/reception, and easy hardware/software system expansion along with cost-effective and low power consumption. The Z86E7X architecture is based on Zilog's 8-bit micro- controller core with an Expanded Register File to allow ac- cess to register mapped peripherals, I/O circuits, and pow- erful counter/timer circuitry. The CCP offers a flexible I/O scheme, an efficient register and address space structure, and a number of ancillary features that are useful in many consumer, automotive, computer peripheral, and battery operated hand-held applications. CCP™ applications demand powerful I/O capabilities. The Z86L7X family fulfills this with five package options in which the E72/73/L74 versions provide 31 pins of dedicat- ed input and output. These lines are grouped into four ports. Each port consists of eight lines (Port 3 has seven lines of I/O and one Pref comparator input) and is config- Part ROM (KB) RAM* (Bytes) I/O Voltage Range Z86E73 32 256 31 3.0V to 5.5V Z86E72 16 768 31 3.0V to 5.5V Note: *General-Purpose |
Similar Part No. - Z86E7316FSC |
|
Similar Description - Z86E7316FSC |