Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-3 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # CNY17F-3
Description  NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

CNY17F-3 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  CNY17F-3 Datasheet HTML 1Page - ISOCOM COMPONENTS CNY17F-3 Datasheet HTML 2Page - ISOCOM COMPONENTS CNY17F-3 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92179m-AAS/A3
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.65
V
I
F = 60mA
Reverse Current (I
R)
10
µA
V
R = 6V
Output
Collector-emitter Breakdown (BV
CEO)
70
V
I
C = 1mA
( note 2 )
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
50
nA
V
CE = 10V
Coupled
Current Transfer Ratio (CTR) (Note 2)
CNY17F-1
40
80
%
10mA I
F , 5V VCE
CNY17F-2
63
125
%
10mA I
F , 5V VCE
CNY17F-3
100
200
%
10mA I
F , 5V VCE
CNY17F-4
160
320
%
10mA I
F , 5V VCE
CNY17F-1
13
%
1mA I
F , 5V VCE
CNY17F-2
22
%
1mA I
F , 5V VCE
CNY17F-3
34
%
1mA I
F , 5V VCE
CNY17F-4
56
%
1mA I
F , 5V VCE
Collector-emitter Saturation VoltageV
CE(SAT)
0.4
V
10mA I
F , 2.5mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
V
IO = 500V (note 1)
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
11/2/03
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
TYPICAL SWITCHING CHARACTERISTICS
1.
Linear Operation (without saturation) Fig 1.
I
F = 10mA, VCC = 5V, RL = 75Ω
t
on
t
r
t
off
t
f
F
CO
UNITS
2.
Switching Operation (with saturation) Fig 2
V
CC = 5V, RL = 1kΩ
4.2
3.0
23
14
6.0
4.6
25
15
µs
µs
µs
µs
V
UNITS
< 0.4
GROUP
V
CC = 5.0V
V
CC = 5.0V
R
L = 75Ω
R
L = 1kΩ
OUTPUT
OUTPUT
FIG 2
FIG 1
t
on
t
off
10%
90%
90%
Turn-on Time
Rise Time
Turn-off Time
Fall Time
Cut-off Frequency
µs
µs
µs
µs
kHz
Turn-on Time
Rise Time
Turn-off Time
Fall Time
t
on
t
r
t
off
t
f
V
CESAT
-2 and -3
(I
F=10mA)
- 4
(I
F=5mA)
t
r
t
f
INPUT
OUTPUT
10%
-1
(I
F=20mA)
3.0
2.0
18
11
3.0
2.0
2.3
2.0
250


Similar Part No. - CNY17F-3

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-3 QT-CNY17F-3 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
List of Unclassifed Man...
CNY17F-3 ETC1-CNY17F-3 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17F-3 FAIRCHILD-CNY17F-3 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
CT Micro International ...
CNY17F-3 CTMICRO-CNY17F-3 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
CNY17F-3 FAIRCHILD-CNY17F-3 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results

Similar Description - CNY17F-3

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
MOC8111X ISOCOM-MOC8111X Datasheet
90Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8106X ISOCOM-MOC8106X Datasheet
71Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8101X ISOCOM-MOC8101X Datasheet
82Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
IS205 ETC-IS205 Datasheet
45Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX62A ETC-CNX62A Datasheet
45Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MOC8101 ISOCOM-MOC8101_08 Datasheet
74Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX82A ISOCOM-CNX82A Datasheet
216Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
ICPL4502 ETC-ICPL4502 Datasheet
64Kb / 4P
   HIGH SPEED, NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
MOC8020 ISOCOM-MOC8020 Datasheet
395Kb / 4P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com