Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGB8204NT4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NGB8204NT4
Description  Ignition IGBT 18 Amps, 400 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGB8204NT4 Datasheet(HTML) 1 Page - ON Semiconductor

  NGB8204NT4 Datasheet HTML 1Page - ON Semiconductor NGB8204NT4 Datasheet HTML 2Page - ON Semiconductor NGB8204NT4 Datasheet HTML 3Page - ON Semiconductor NGB8204NT4 Datasheet HTML 4Page - ON Semiconductor NGB8204NT4 Datasheet HTML 5Page - ON Semiconductor NGB8204NT4 Datasheet HTML 6Page - ON Semiconductor NGB8204NT4 Datasheet HTML 7Page - ON Semiconductor NGB8204NT4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 3
1
Publication Order Number:
NGB8204N/D
NGB8204N
Ignition IGBT
18 Amps, 400 Volts
N−Channel D2PAK
This Logic Level Insulated Gate Bipolar Transistor (IGBT) features
monolithic circuitry integrating ESD and Overvoltage clamped
protection for use in inductive coil drivers applications. Primary uses
include Ignition, Direct Fuel Injection, or wherever high voltage and
high current switching is required.
Features
Ideal for Coil−on−Plug Applications
Gate−Emitter ESD Protection
Temperature Compensated Gate−Collector Voltage Clamp Limits
Stress Applied to Load
Integrated ESD Diode Protection
New Design Increases Unclamped Inductive Switching (UIS) Energy
Per Area
Low Threshold Voltage to Interface Power Loads to Logic or
Microprocessor Devices
Low Saturation Voltage
High Pulsed Current Capability
Integrated Gate−Emitter Resistor (RGE)
Emitter Ballasting for Short−Circuit Capability
Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCES
430
VDC
Collector−Gate Voltage
VCER
430
VDC
Gate−Emitter Voltage
VGE
18
VDC
Collector Current−Continuous
@ TC = 25°C − Pulsed
IC
18
50
ADC
AAC
ESD (Human Body Model)
R = 1500 W, C = 100 pF
ESD
8.0
kV
ESD (Machine Model) R = 0 W, C = 200 pF
ESD
800
V
Total Power Dissipation @ TC = 25°C
Derate above 25°C
PD
115
0.77
W
W/°C
Operating and Storage Temperature Range
TJ, Tstg
−55 to
+175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
18 AMPS, 400 VOLTS
VCE(on) 3 2.0 V @
IC = 10 A, VGE . 4.5 V
C
E
G
D2PAK
CASE 418B
STYLE 4
Device
Package
Shipping
ORDERING INFORMATION
NGB8204NT4
D2PAK
800 / Tape & Reel
MARKING DIAGRAM
GB
8204NG
AYWW
1
Gate
3
Emitter
4
Collector
2
Collector
GB8204N = Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G= Pb−Free Package
RGE
http://onsemi.com
1
NGB8204NT4G
D2PAK
(Pb−Free)
800 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NGB8204NT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8204NT4G ONSEMI-NGB8204NT4G Datasheet
127Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
More results

Similar Description - NGB8204NT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8204N ONSEMI-NGB8204N_11 Datasheet
127Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
NGD18N40CLB ONSEMI-NGD18N40CLB Datasheet
152Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 7
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4_06 Datasheet
87Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 3
NGB18N40CLB ONSEMI-NGB18N40CLB Datasheet
126Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
NGD18N40CLBT4 ONSEMI-NGD18N40CLBT4 Datasheet
70Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
November, 2003 ??Rev. 5
NGD18N45CLB ONSEMI-NGD18N45CLB Datasheet
105Kb / 8P
   Ignition IGBT 18 Amps, 450 Volts N−Channel DPAK
June, 2016 - Rev. 1
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
MGB15N40CL ONSEMI-MGB15N40CL Datasheet
81Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
April, 2002 ??Rev. 7
NGD15N41CLT4 ONSEMI-NGD15N41CLT4 Datasheet
94Kb / 12P
   Ignition IGBT 15 Amps, 410 Volts
March, 2004 ??Rev. 5
logo
Littelfuse
LGB8204ATH LITTELFUSE-LGB8204ATH Datasheet
472Kb / 10P
   400 V, 18 A N-Channel Ignition IGBT
3/16/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com