Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS3699BMN1R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLAS3699BMN1R2G
Description  Dual DPDT Ultra?묹ow RON Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3699BMN1R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NLAS3699BMN1R2G Datasheet HTML 1Page - ON Semiconductor NLAS3699BMN1R2G Datasheet HTML 2Page - ON Semiconductor NLAS3699BMN1R2G Datasheet HTML 3Page - ON Semiconductor NLAS3699BMN1R2G Datasheet HTML 4Page - ON Semiconductor NLAS3699BMN1R2G Datasheet HTML 5Page - ON Semiconductor NLAS3699BMN1R2G Datasheet HTML 6Page - ON Semiconductor NLAS3699BMN1R2G Datasheet HTML 7Page - ON Semiconductor NLAS3699BMN1R2G Datasheet HTML 8Page - ON Semiconductor NLAS3699BMN1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NLAS3699B
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Conditions
VCC
(V)
VIS
(V)
Guaranteed Maximum Limit
Unit
*405C to 255C
t855C
Min
Typ*
Max
Min
Max
tON
Turn−On Time
RL = 50 W, CL = 35 pF
(Figures 3 and 4)
2.3 − 4.5
1.5
50
60
ns
tOFF
Turn−Off Time
RL = 50 W, CL = 35 pF
(Figures 3 and 4)
2.3 − 4.5
1.5
30
40
ns
tBBM
Minimum Break−Before−Make Time
VIS = 3.0
RL = 50 W, CL = 35 pF
(Figure 2)
3.0
1.5
2
15
ns
Typical @ 25, VCC = 4.5 V
CIN
Control Pin Input Capacitance
7.0
pF
CSN
SN Port Capacitance
72
pF
CD
D Port Capacitance When Switch is Enabled
230
pF
*Typical Characteristics are at 25
°C.
ADDITIONAL APPLICATION CHARACTERISTICS (Voltages Referenced to GND Unless Noted)
Symbol
Parameter
Condition
VCC
(V)
25
5C
Unit
Typical
BW
Maximum On−Channel −3dB
Bandwidth or Minimum Frequency
Response (Figure 12)
VIN centered between VCC and GND
(Figure 5)
1.65 − 4.5
20
MHz
VONL
Maximum Feed−through On Loss
VIN = 0 dBm @ 100 kHz to 50 MHz
VIN centered between VCC and GND (Figure 5)
1.65 − 4.5
−0.06
dB
VISO
Off−Channel Isolation (Figure 13)
f = 100 kHz; VIS = 1 V RMS; CL = 5 pF
VIN centered between VCC and GND(Figure 5)
1.65 − 4.5
−62
dB
Q
Charge Injection Select Input to
Common I/O (Figure 8)
VIN = VCC to GND, RIS = 0 W, CL = 1 nF
Q = CL x DVOUT (Figure 6)
1.65 − 4.5
50
pC
THD
Total Harmonic Distortion THD +
Noise (Figure 7)
FIS = 20 Hz to 20 kHz, RL = Rgen = 600 W, CL = 50 pF
VIS = 2 VPP
4.5
0.01
%
VCT
Channel−to−Channel Crosstalk
f = 100 kHz; VIS = 1 V RMS, CL = 5 pF, RL = 50 W
VIN centered between VCC and GND (Figure 5)
1.65 − 4.5
−62
dB
5. Off−Channel Isolation = 20log10 (Vcom/Vno), Vcom = output, Vno = input to off switch.


Similar Part No. - NLAS3699BMN1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3699 ONSEMI-NLAS3699 Datasheet
80Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2004 ??Rev. 0
NLAS3699 ONSEMI-NLAS3699 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
NLAS3699MN1R2G ONSEMI-NLAS3699MN1R2G Datasheet
80Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2004 ??Rev. 0
NLAS3699MN1R2G ONSEMI-NLAS3699MN1R2G Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699_05 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
More results

Similar Description - NLAS3699BMN1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3799 ONSEMI-NLAS3799 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
October, 2005 ??Rev. 0
NLAS3799 ONSEMI-NLAS3799_06 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
January, 2006 ??Rev. 1
NLAS3799B ONSEMI-NLAS3799B Datasheet
99Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS3799B ONSEMI-NLAS3799B_08 Datasheet
177Kb / 12P
   Dual DPDT Ultra-Low RON Switch
July, 2008 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699_05 Datasheet
97Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
NLAS3699 ONSEMI-NLAS3699 Datasheet
80Kb / 10P
   Dual DPDT Ultra-Low RON Switch
October, 2004 ??Rev. 0
logo
Union Semiconductor, In...
UM3699A UNIONSEMI-UM3699A Datasheet
341Kb / 11P
   Dual DPDT Ultra-Low RON Analog Switch
logo
ON Semiconductor
NLAS3899B ONSEMI-NLAS3899B_12 Datasheet
137Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
August, 2012 ??Rev. 1
NLAS3899B ONSEMI-NLAS3899B Datasheet
139Kb / 10P
   Dual DPDT Low RON, Low Capacitance Switch
July, 2008 ??Rev. 0
logo
Vishay Siliconix
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
   Low-Voltage, Low RON, Dual DPDT Analog Switch
Rev. C, 13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com