Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4813NHT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD4813NHT4G
Description  Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4813NHT4G Datasheet(HTML) 3 Page - ON Semiconductor

  NTD4813NHT4G Datasheet HTML 1Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 2Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 3Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 4Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 5Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 6Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 7Page - ON Semiconductor NTD4813NHT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTD4813NH
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Unit
Max
Typ
Min
Test Condition
Symbol
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(ON)
VGS = 11.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
5.1
ns
Rise Time
tr
16.1
Turn−Off Delay Time
td(OFF)
17.2
Fall Time
tf
1.8
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 30 A
TJ = 25°C
0.95
1.2
V
TJ = 125°C
0.9
Reverse Recovery Time
tRR
VGS = 0 V, dIs/dt = 100 A/ms,
IS = 30 A
15
ns
Charge Time
ta
9.9
Discharge Time
tb
5.1
Reverse Recovery Charge
QRR
7.0
nC
PACKAGE PARASITIC VALUES
Source Inductance
LS
TA = 25°C
2.49
nH
Drain Inductance, DPAK
LD
0.0164
Drain Inductance, IPAK
LD
1.88
Gate Inductance
LG
3.46
Gate Resistance
RG
0.55
W
3. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD4813NHT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4813NHT4G ONSEMI-NTD4813NHT4G Datasheet
117Kb / 7P
   Power MOSFET
September, 2014 ??Rev. 4
More results

Similar Description - NTD4813NHT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5806N ONSEMI-NTD5806N Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NVD5807NT4G ONSEMI-NVD5807NT4G Datasheet
81Kb / 7P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 5
NTD5807N ONSEMI-NTD5807N Datasheet
138Kb / 6P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 2
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com