Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4813NH-35G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD4813NH-35G
Description  Power MOSFET 30 V, 40 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4813NH-35G Datasheet(HTML) 6 Page - ON Semiconductor

  NTD4813NH-35G Datasheet HTML 1Page - ON Semiconductor NTD4813NH-35G Datasheet HTML 2Page - ON Semiconductor NTD4813NH-35G Datasheet HTML 3Page - ON Semiconductor NTD4813NH-35G Datasheet HTML 4Page - ON Semiconductor NTD4813NH-35G Datasheet HTML 5Page - ON Semiconductor NTD4813NH-35G Datasheet HTML 6Page - ON Semiconductor NTD4813NH-35G Datasheet HTML 7Page - ON Semiconductor NTD4813NH-35G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTD4813NH
http://onsemi.com
6
TYPICAL PERFORMANCE CURVES
Figure 13. Avalanche Characteristics
1000
1
100
PULSE WIDTH (
ms)
0.1
10
10
125
°C
1
100
100
°C
25
°C
Figure 14. Thermal Response
t, TIME (
ms)
0.1
1.0
0.01
0.1
0.2
0.02
D = 0.5
0.05
0.01
SINGLE PULSE
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
1.0E+00
1.0E+01
1.0E−01
1.0E−02
1.0E−03
1.0E−04
1.0E−05
ORDERING INFORMATION
Device
Package
Shipping
NTD4813NHT4G
DPAK
(Pb−Free)
2500 / Tape & Reel
NTD4813NH−1G
DPAK−3
(Pb−Free)
75 Units / Rail
NTD4813NH−35G
IPAK Trimmed Lead
(3.5
" 0.15 mm)
(Pb−Free)
75 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTD4813NH-35G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTD4813NH-35G VBSEMI-NTD4813NH-35G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTD4813NH-35G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5806N ONSEMI-NTD5806N Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NVD5807NT4G ONSEMI-NVD5807NT4G Datasheet
81Kb / 7P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 5
NTD5807N ONSEMI-NTD5807N Datasheet
138Kb / 6P
   Power MOSFET 40 V, 23 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 2
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com