Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUD3160LT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUD3160LT1G
Description  Industrial Inductive Load Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3160LT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NUD3160LT1G Datasheet HTML 1Page - ON Semiconductor NUD3160LT1G Datasheet HTML 2Page - ON Semiconductor NUD3160LT1G Datasheet HTML 3Page - ON Semiconductor NUD3160LT1G Datasheet HTML 4Page - ON Semiconductor NUD3160LT1G Datasheet HTML 5Page - ON Semiconductor NUD3160LT1G Datasheet HTML 6Page - ON Semiconductor NUD3160LT1G Datasheet HTML 7Page - ON Semiconductor NUD3160LT1G Datasheet HTML 8Page - ON Semiconductor NUD3160LT1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NUD3160
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Symbol
Rating
Value
Unit
VDSS
Drain−to−Source Voltage – Continuous
(TJ = 125°C)
60
V
VGSS
Gate−to−Source Voltage – Continuous
(TJ = 125°C)
12
V
ID
Drain Current – Continuous
(TJ = 125°C)
150
mA
EZ
Single Pulse Drain−to−Source Avalanche Energy
(For Relay’s Coils/Inductive Loads of 80
W or Higher)
(TJ Initial = 85°C)
200
mJ
PPK
Peak Power Dissipation, Drain−to−Source (Notes 1 and 2)
(TJ Initial = 85°C)
20
W
ELD1
Load Dump Pulse, Drain−to−Source (Note 3)
RSOURCE = 0.5 W, T = 300 ms)
(For Relay’s Coils/Inductive Loads of 80
W or Higher)
(TJ Initial = 85°C)
60
V
ELD2
Inductive Switching Transient 1, Drain−to−Source
(Waveform: RSOURCE = 10 W, T = 2.0 ms)
(For Relay’s Coils/Inductive Loads of 80
W or Higher)
(TJ Initial = 85°C)
100
V
ELD3
Inductive Switching Transient 2, Drain−to−Source
(Waveform: RSOURCE = 4.0 W, T = 50 ms)
(For Relay’s Coils/Inductive Loads of 80
W or Higher)
(TJ Initial = 85°C)
300
V
Rev−Bat
Reverse Battery, 10 Minutes (Drain−to−Source)
(For Relay’s Coils/Inductive Loads of 80
W or more)
−14
V
Dual−Volt
Dual Voltage Jump Start, 10 Minutes (Drain−to−Source)
28
V
ESD
Human Body Model (HBM)
According to EIA/JESD22/A114 Specification
2000
V
THERMAL CHARACTERISTICS
Symbol
Rating
Value
Unit
TA
Operating Ambient Temperature
−40 to 125
°C
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
−65 to 150
°C
PD
Total Power Dissipation (Note 4)
SOT−23
Derating above 25
°C
225
1.8
mW
mW/
°C
PD
Total Power Dissipation (Note 4)
SC−74
Derating above 25
°C
380
3.0
mW
mW/
°C
RqJA
Thermal Resistance Junction–to–Ambient (Note 4)
SOT−23
SC−74
556
329
°C/W
1. Nonrepetitive current square pulse 1.0 ms duration.
2. For different square pulse durations, see Figure 12.
3. Nonrepetitive load dump pulse per Figure 3.
4. Mounted onto minimum pad board.


Similar Part No. - NUD3160LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3160LT1G ONSEMI-NUD3160LT1G Datasheet
157Kb / 10P
   Industrial Inductive Load Driver
October, 2016 ??Rev. 7
logo
VBsemi Electronics Co.,...
NUD3160LT1G VBSEMI-NUD3160LT1G Datasheet
1,004Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NUD3160LT1G ONSEMI-NUD3160LT1G Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
More results

Similar Description - NUD3160LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3160 ONSEMI-NUD3160_16 Datasheet
157Kb / 10P
   Industrial Inductive Load Driver
October, 2016 ??Rev. 7
NUD3160 ONSEMI-NUD3160_V01 Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
NUD3124 ONSEMI-NUD3124_05 Datasheet
89Kb / 9P
   Automotive Inductive Load Driver
November, 2005 ??Rev. 10
NUD3124 ONSEMI-NUD3124_16 Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
NUD3124 ONSEMI-NUD3124 Datasheet
80Kb / 10P
   Automotive Inductive Load Driver
June, 2004 ??Rev. 8
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com