Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUD4011 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUD4011
Description  Low Current LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD4011 Datasheet(HTML) 1 Page - ON Semiconductor

  NUD4011 Datasheet HTML 1Page - ON Semiconductor NUD4011 Datasheet HTML 2Page - ON Semiconductor NUD4011 Datasheet HTML 3Page - ON Semiconductor NUD4011 Datasheet HTML 4Page - ON Semiconductor NUD4011 Datasheet HTML 5Page - ON Semiconductor NUD4011 Datasheet HTML 6Page - ON Semiconductor NUD4011 Datasheet HTML 7Page - ON Semiconductor NUD4011 Datasheet HTML 8Page - ON Semiconductor NUD4011 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 3
1
Publication Order Number:
NUD4011/D
NUD4011
Low Current LED Driver
This device is designed to replace discrete solutions for driving
LEDs in AC/DC high voltage applications (up to 200 V). An external
resistor allows the circuit designer to set the drive current for different
LED arrays. This discrete integration technology eliminates individual
components by combining them into a single package, which results in
a significant reduction of both system cost and board space. The
device is a small surface mount package (SO−8).
Features
Supplies Constant LED Current for Varying Input Voltages
External Resistor Allows Designer to Set Current – up to 70 mA
Offered in Surface Mount Package Technology (SO−8)
Pb−Free Package is Available
Benefits
Maintains a Constant Light Output During Battery Drain
One Device can be used for Many Different LED Products
Reduces Board Space and Component Count
Simplifies Circuit and System Designs
Typical Applications
Portables: For Battery Back−up Applications, also Simple Ni−CAD
Battery Charging
Industrial: General Lighting Applications and Small Appliances
Automotive: Tail Lights, Directional Lights, Back−up Light,
Dome Light
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1
Vin
Positive input voltage to the device
2
Boost
This pin may be used to drive an external transistor
as described in the App Note AND8198/D.
3
Rext
An external resistor between Rext and Vin pins sets
different current levels for different application needs
4
PWM
For high voltage applications (higher than 48 V),
pin 4 is connected to the LEDs array.
For low voltage applications (lower than 48 V), pin 4
is connected to ground.
5, 6, 7, 8
Iout
The LEDs are connected from these pins to ground
SO−8
CASE 751
MARKING
DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NUD4011DR2
SO−8
2500 / Tape & Reel
PIN CONFIGURATION
AND SCHEMATIC
Rext
PWM
Vin
Iout
Iout
Iout
Current
Set Point
Boost
Iout
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
2
3
4
8
7
6
5
1
8
4011
AYWWG
G
1
8
NUD4011DR2G
SO−8
(Pb−Free)
2500 / Tape & Reel
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - NUD4011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
   High Current LED Driver
June, 2006 ??Rev. 6
NUD4001 ONSEMI-NUD4001 Datasheet
147Kb / 8P
   High Current LED Driver
November, 2011 ??Rev. 7
NUD4001DR2 ONSEMI-NUD4001DR2 Datasheet
119Kb / 8P
   High Current LED Driver
June, 2006 ??Rev. 6
NUD4001DR2G ONSEMI-NUD4001DR2G Datasheet
119Kb / 8P
   High Current LED Driver
June, 2006 ??Rev. 6
More results

Similar Description - NUD4011

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSMG501 SECOS-SSMG501 Datasheet
233Kb / 4P
   Low Power Constant Current LED Driver
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
logo
Recom International Pow...
RCD-24 RECOM-RCD-24_10 Datasheet
358Kb / 6P
   Constant Current LED Driver
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
   High Current LED Driver
June, 2006 ??Rev. 6
logo
Sipex Corporation
SP7619 SIPEX-SP7619 Datasheet
420Kb / 8P
   Constant Current LED Driver
logo
LDT Co., Ltd
LD1024 LDT-LD1024 Datasheet
650Kb / 22P
   Constant-Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM9914 HMSEMI-HM9914 Datasheet
713Kb / 4P
   LED constant current driver
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com