Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUF2220XV6 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUF2220XV6
Description  2 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF2220XV6 Datasheet(HTML) 1 Page - ON Semiconductor

  NUF2220XV6 Datasheet HTML 1Page - ON Semiconductor NUF2220XV6 Datasheet HTML 2Page - ON Semiconductor NUF2220XV6 Datasheet HTML 3Page - ON Semiconductor NUF2220XV6 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev.2
1
Publication Order Number:
NUF2220XV6/D
NUF2220XV6
2 Line EMI Filter with ESD
Protection
This device is a 2 line EMI filter array for wireless applications.
Greater than −20 dB attenuation is obtained at frequencies from
800 MHz to 2.4 GHz. It also offers ESD protection−clamping
transients from static discharges. ESD protection is provided across all
capacitors.
Features
EMI Filtering and ESD Protection
Integration of 10 Discrete Components
Compliance with IEC61000−4−2 (Level 4)
> 8.0 kV (Contact)
SOT−563 Package
Moisture Sensitivity Level 1
ESD Ratings:
Machine Model = C
Human Body Model = 3B
These are Pb−Free Devices
Benefits
Reduces EMI/RFI Emissions on a Data Line
Integrated Solution Offers Cost and Space Savings in a
SOT−563 Package
Reduces Parasitic Inductances Which Offer a More “Ideal” Low Pass
Filter Response
Integrated Solution Improves System Reliability
Applications
EMI Filtering and ESD Protection for Data Lines
Wireless Phones
PDAs and Handheld Products
Notebook Computers
LCD Displays
SOT−563
CASE 463A
MARKING
DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NUF2220XV6T1
SOT−563
4000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
http://onsemi.com
Pin 6
Output(1)
Pin 5
GND
Pin 4
Output(2)
Pin 1
Input(1)
Pin 2
GND
Pin 3
Input(2)
20 = Specific Device Code
M
= Month Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
20 M
G
G
1
1
6
NUF2220XV6T1G SOT−563
4000/Tape & Reel


Similar Part No. - NUF2220XV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2221 ONSEMI-NUF2221 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
NUF2221W1 ONSEMI-NUF2221W1 Datasheet
134Kb / 5P
   USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
   USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
60Kb / 6P
   USB Upstream Terminator with ESD Protection
June, 2005 ??Rev. 2
NUF2221W1T2G ONSEMI-NUF2221W1T2G Datasheet
60Kb / 6P
   USB Upstream Terminator with ESD Protection
June, 2005 ??Rev. 2
More results

Similar Description - NUF2220XV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2230XV6 ONSEMI-NUF2230XV6 Datasheet
50Kb / 4P
   2 Line EMI Filter with ESD Protection
July, 2005 ??Rev.3
logo
Vishay Siliconix
GTF701-HS3 VISHAY-GTF701-HS3 Datasheet
70Kb / 5P
   2-Line EMI-Filter with ESD -Protection
Rev. 1.3, 05-Jul-04
logo
ON Semiconductor
NUF2240W1 ONSEMI-NUF2240W1 Datasheet
55Kb / 4P
   2 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 1
NUF2450 ONSEMI-NUF2450 Datasheet
107Kb / 3P
   2 Line EMI Filter with ESD Protection
October, 2011 ??Rev. 0
NUF2114MN ONSEMI-NUF2114MN Datasheet
172Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
August, 2006 ??Rev. 1
NUF2070MN ONSEMI-NUF2070MN Datasheet
50Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
February, 2006 ??Rev. 0
NUF2116MN ONSEMI-NUF2116MN Datasheet
82Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
February, 2006 ??Rev. 0
NUF2116MN ONSEMI-NUF2116MN_07 Datasheet
127Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
March, 2007 ??Rev. 1
logo
STMicroelectronics
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
   2-line IPAD, EMI filter with ESD protection
logo
ON Semiconductor
NUF2114 ONSEMI-NUF2114 Datasheet
128Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
October, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com