Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUF4210MNT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NUF4210MNT1G
Description  Low Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF4210MNT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NUF4210MNT1G Datasheet HTML 1Page - ON Semiconductor NUF4210MNT1G Datasheet HTML 2Page - ON Semiconductor NUF4210MNT1G Datasheet HTML 3Page - ON Semiconductor NUF4210MNT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NUF4210MN
http://onsemi.com
4
PACKAGE DIMENSIONS
DFN8
CASE 506AK−01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSION b APPLIES TO THE EXPOSED
PAD AS WELL AS TEH TERMINALS.
4. DIMENSION b APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. EXPOSED PADS CONNECTED TO DIE FLAG.
USED AS TEST CONTACTS.
A
B
E
D
D2
E2
BOTTOM VIEW
b
e
8 X
0.10
B
0.05
A
C
C
K
8 X
NOTE 3
2 X
NOTE 5
0.25X0.4 MM
2 X
0.15 C
PIN ONE
REFERENCE
TOP VIEW
2 X
0.15 C
8 X
A
A1
(A3)
0.08 C
0.10 C
C
SEATING
PLANE
SIDE VIEW
(A3)
L
8 X
14
5
8
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.15
0.25
D
1.60 BSC
D2
0.70
0.90
E
1.60 BSC
E2
0.30
0.50
e
0.40 BSC
K
0.20
−−−
L
0.20
0.40
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NUF4210MN/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NUF4210MNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4211MN ONSEMI-NUF4211MN Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
NUF4211MN ONSEMI-NUF4211MN Datasheet
166Kb / 6P
   4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF4211MNT1G ONSEMI-NUF4211MNT1G Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
NUF4211MNT1G ONSEMI-NUF4211MNT1G Datasheet
166Kb / 6P
   4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF4211MN ONSEMI-NUF4211MN_07 Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
More results

Similar Description - NUF4210MNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4402MN ONSEMI-NUF4402MN Datasheet
61Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package
June, 2005 ??Rev. 2
NUF4010MU ONSEMI-NUF4010MU Datasheet
76Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
October, 2007 - Rev. 0
NUF4000MU ONSEMI-NUF4000MU Datasheet
76Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
October, 2007 - Rev. 0
NUF4310MN ONSEMI-NUF4310MN Datasheet
99Kb / 4P
   Low Capacitance 4-Line EMI Filter with ESD Protection in WDFN8 Package
October, 2008 ??Rev. 0
NUF4001MU ONSEMI-NUF4001MU Datasheet
51Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
December, 2006 ??Rev. 1
NUF4211MN ONSEMI-NUF4211MN_07 Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
NUF8000MU ONSEMI-NUF8000MU Datasheet
88Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF3102MU ONSEMI-NUF3102MU Datasheet
77Kb / 4P
   Low Capacitance 3 Line EMI Filter with ESD Protection in UDFN8 Package
September, 2007 - Rev. 1
NUF8010MU ONSEMI-NUF8010MU Datasheet
87Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF8001MU ONSEMI-NUF8001MU Datasheet
63Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
August, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com