Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUF4220MNT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NUF4220MNT1G
Description  4 Line Audio EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF4220MNT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NUF4220MNT1G Datasheet HTML 1Page - ON Semiconductor NUF4220MNT1G Datasheet HTML 2Page - ON Semiconductor NUF4220MNT1G Datasheet HTML 3Page - ON Semiconductor NUF4220MNT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NUF4220MN
http://onsemi.com
4
PACKAGE DIMENSIONS
DFN8
CASE 506AA−01
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994 .
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2 X
REFERENCE
2 X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
(A3)
D2
E2
C
C
0.10
C
0.10
C
0.08
8 X
A1
SEATING
PLANE
e/2
e
8 X
K
NOTE 3
b
8 X
0.10 C
0.05 C
A BB
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
2.00 BSC
D2
1.10
1.30
E
2.00 BSC
E2
0.70
0.90
e
0.50 BSC
K
0.20
−−−
L
0.25
0.35
1
4
8
5
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NUF4220MN/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NUF4220MNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4210MN ONSEMI-NUF4210MN Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package
August, 2005 ??Rev. 0
NUF4210MNT1G ONSEMI-NUF4210MNT1G Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package
August, 2005 ??Rev. 0
NUF4211MN ONSEMI-NUF4211MN Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
NUF4211MN ONSEMI-NUF4211MN Datasheet
166Kb / 6P
   4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF4211MNT1G ONSEMI-NUF4211MNT1G Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
More results

Similar Description - NUF4220MNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2114MN ONSEMI-NUF2114MN Datasheet
172Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
August, 2006 ??Rev. 1
NUF2070MN ONSEMI-NUF2070MN Datasheet
50Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
February, 2006 ??Rev. 0
NUF2116MN ONSEMI-NUF2116MN Datasheet
82Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
February, 2006 ??Rev. 0
NUF2116MN ONSEMI-NUF2116MN_07 Datasheet
127Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
March, 2007 ??Rev. 1
NUF2114 ONSEMI-NUF2114 Datasheet
128Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
October, 2011 ??Rev. 0
NUF2114MN ONSEMI-NUF2114MN_07 Datasheet
126Kb / 4P
   2 Line Audio EMI Filter with ESD Protection
March, 2007 ??Rev. 2
NUF4401MN ONSEMI-NUF4401MN Datasheet
62Kb / 4P
   4 Line EMI Filter with ESD Protection
August, 2005 ??Rev. 0
NUF4403MN ONSEMI-NUF4403MN Datasheet
73Kb / 4P
   4 Line EMI Filter with ESD Protection
March, 2006 ??Rev. 0
NUF6402MN ONSEMI-NUF6402MN Datasheet
51Kb / 4P
   4 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ8013 AOSMD-AOZ8013 Datasheet
333Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com