Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUP8028MNT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUP8028MNT1G
Description  Low Capacitance Transient Voltage Suppressor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP8028MNT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NUP8028MNT1G Datasheet HTML 1Page - ON Semiconductor NUP8028MNT1G Datasheet HTML 2Page - ON Semiconductor NUP8028MNT1G Datasheet HTML 3Page - ON Semiconductor NUP8028MNT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 0
1
Publication Order Number:
NUP8028MN/D
NUP8028MN
Low Capacitance Transient
Voltage Suppressor Array
This integrated transient voltage suppressor device (TVS) is
designed for applications requiring transient overvoltage protection. It
is intended for use in sensitive equipment such as computers, printers,
business machines, communication systems, medical equipment, and
other applications. Its integrated design provides very effective and
reliable protection for eight separate lines using only one package.
These devices are ideal for situations where board space is at a
premium.
Features
Low Capacitance
Low Leakage Current < 1 mA @ 3 V
ESD Ratings:
IEC61000−4−2, 18 kV (Contact)
IEC61000−4−2, 30 kV (Air)
Machine Model = Class C, 400 V
Human Body Model = Class 3B, 8 kV
DFN Package, 1.6 x 1.6 mm
Moisture Sensitivity Level 1
This is a Pb−Free Device
Benefits
Provides Protection for ESD Industry Standards: IEC 61000, HBM
Protects the Line Against Transient Voltage Conditions in Either
Direction
Minimize Power Consumption of the System
Minimize PCB Board Space
Applications
ESD Protection for Data Lines
Wireless Phones
Handheld Products
Notebook Computers
LCD Displays
Device
Package
Shipping
ORDERING INFORMATION
NUP8028MNT1G
DFN8
(Pb−Free)
3000 / Tape & Reel
MARKING
DIAGRAM
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
8
5S
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
5S
G
G
1
1
(Top View)
8
2
7
3
6
4
5
PIN CONNECTIONS
(Bottom View)
8
7
6
5
1
2
3
4
DFN8
CASE 506AK
(Note: Microdot may be in either location)


Similar Part No. - NUP8028MNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP8020X6 ONSEMI-NUP8020X6 Datasheet
45Kb / 4P
   5?묹ine Transient Voltage Suppressor Array
February, 2007 ??Rev. 0
NUP8020X6T1G ONSEMI-NUP8020X6T1G Datasheet
45Kb / 4P
   5?묹ine Transient Voltage Suppressor Array
February, 2007 ??Rev. 0
NUP8020X6 ONSEMI-NUP8020X6_07 Datasheet
45Kb / 4P
   5?묹ine Transient Voltage Suppressor Array
February, 2007 ??Rev. 0
More results

Similar Description - NUP8028MNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP8100D ONSEMI-NUP8100D Datasheet
99Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
September, 2006 ??Rev. P1
NUP8011MU ONSEMI-NUP8011MU Datasheet
73Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
September, 2007 - Rev. 0
NUP8010MN ONSEMI-NUP8010MN Datasheet
52Kb / 4P
   Low Capacitance Transient Voltage Suppressor Array
March, 2006 ??Rev. 1
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
   Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com