Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUS3045MN Datasheet(PDF) 4 Page - ON Semiconductor

Part # NUS3045MN
Description  Overvoltage Protection IC with Integrated MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUS3045MN Datasheet(HTML) 4 Page - ON Semiconductor

  NUS3045MN Datasheet HTML 1Page - ON Semiconductor NUS3045MN Datasheet HTML 2Page - ON Semiconductor NUS3045MN Datasheet HTML 3Page - ON Semiconductor NUS3045MN Datasheet HTML 4Page - ON Semiconductor NUS3045MN Datasheet HTML 5Page - ON Semiconductor NUS3045MN Datasheet HTML 6Page - ON Semiconductor NUS3045MN Datasheet HTML 7Page - ON Semiconductor NUS3045MN Datasheet HTML 8Page - ON Semiconductor NUS3045MN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NUS2045MN, NUS3045MN
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA= 25°C, Vcc = 6.0 V, unless otherwise specified)
Characteristic
Symbol
Pin
Min
Typ
Max
Unit
VCC Operating Voltage Range
VCC(opt)
8
3.0
4.8
25
V
Supply Current (ICC + IInput; VCC = 6.0 V Steady State)
1, 8
0.75
1.0
mA
Input Threshold (VInput connected to VCC; VInput increasing)
VTh
1
6.65
6.85
7.08
V
Input Hysteresis (VInput connected to VCC; VInput decreasing)
VHyst
1
50
100
200
mV
Input Impedance (Input = VTh)
Rin
1
70
150
k
W
CNTRL Voltage High
Vih
3
1.5
V
CNTRL Voltage Low
Vil
3
0.5
V
CNTRL Current High (Vih = 5.0 V)
Iih
3
95
200
mA
CNTRL Current Low (Vil = 0.5 V)
Iil
3
10
20
mA
Undervoltage Lockout (VCC decreasing)
VLock
3
2.5
2.8
3.0
V
Output Sink Current (VCC < VTh, VOUT = 1.0 V)
ISink
7
10
33
50
mA
Output Voltage High (VCC = Vin = 8.0 V; ISource = 10 mA)
Output Voltage High (VCC = Vin = 8.0 V; ISource = 0.25 mA)
Output Voltage High (VCC = Vin = 8.0 V; ISource = 0 mA)
Voh
7
VCC−1.0
VCC−0.25
VCC−0.1
V
Output Voltage Low
(Input < 6.5 V; ISink = 0 mA; VCC = 6.0 V, CNTRL = 0 V)
Vol
7
0.1
V
Turn ON Delay − Input (Note 3)
(VInput connected to VCC; VInput step down signal from 8.0 to
6.0 V; measured to 50% point of OUT)*
TON IN
7
10
ms
Turn OFF Delay − Input (VInput connected to VCC; VInput step
up signal from 6.0 to 8.0 V; CL = 12 nF Output > VCC − 1.0 V)
TOFF IN
7
0.5
1.0
ms
Turn ON Delay − CNTRL (CNTRL step down signal from 2.0
to 0.5 V; measured to 50% point of OUT) (Note 3)
TON CT
7
10
ms
Turn OFF Delay − CNTRL (CNTRL step up signal from 0.5 to
2.0 V; CL = 12 nF Output > VCC −1.0 V)
TOFF CT
7
1.0
2.0
ms
3. Guaranteed by design.


Similar Part No. - NUS3045MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS3045 ONSEMI-NUS3045 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
More results

Similar Description - NUS3045MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS6160MN ONSEMI-NUS6160MN Datasheet
394Kb / 13P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2008 ??Rev. 0
NUS3065MU ONSEMI-NUS3065MU Datasheet
110Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
March, 2007 ??Rev. 0
NUS3055MUTAG ONSEMI-NUS3055MUTAG Datasheet
109Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2006 ??Rev. 0
NUS6189MN ONSEMI-NUS6189MN Datasheet
179Kb / 14P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
October, 2008 ??Rev. 0
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com