Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ12AON Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMBJ12AON
Description  600 Watt Peak Power Zener Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMBJ12AON Datasheet(HTML) 2 Page - ON Semiconductor

  SMBJ12AON Datasheet HTML 1Page - ON Semiconductor SMBJ12AON Datasheet HTML 2Page - ON Semiconductor SMBJ12AON Datasheet HTML 3Page - ON Semiconductor SMBJ12AON Datasheet HTML 4Page - ON Semiconductor SMBJ12AON Datasheet HTML 5Page - ON Semiconductor SMBJ12AON Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMBJ12AON
http://onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (Note 1) @ TL = 25°C, Pulse Width = 1 ms
PPK
600
W
DC Power Dissipation @ TL = 75°C
Measured Zero Lead Length (Note 2)
Derate Above 75
°C
Thermal Resistance from Junction to Lead
PD
RqJL
3.0
40
25
W
mW/
°C
°C/W
DC Power Dissipation (Note 3) @ TA = 25°C
Derate Above 25
°C
Thermal Resistance from Junction to Ambient
PD
RqJA
0.55
4.4
226
W
mW/
°C
°C/W
Operating and Storage Temperature Range
TJ, Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 10 X 1000
ms, non−repetitive at maximum IPPM and VCM, see electrical characteristics.
2. 1
″ square copper pad, FR−4 board
3. FR−4 board, using ON Semiconductor minimum recommended footprint, as shown in 403A case outline dimensions spec.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 3.5 V Max. @ IF (Note 4) = 30 A)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
4. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms,
non−repetitive duty cycle.
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Zener Voltage (Note 5)
IT = 1 mA
VZ
13.2
13.75
14.3
V
Reverse Leakage Current
VRWM = 12 V
IR
5.0
mA
Clamping Voltage
IPP = 17.5 A
(Per Figures 1 & 2)
VC
15.6
V
Absolute Maximum Clamping Voltage
IPPM = 30.2 A
(Per Figure 3, Note 6)
VCM
19.9
V
5. VZ measured at pulse test IT at an ambient temperature of 25
°C.
6. Absolute Maximum Peak Current, IPPM.


Similar Part No. - SMBJ12AON

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ12A JGD-SMBJ12A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ12A SOCAY-SMBJ12A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ12A LITTELFUSE-SMBJ12A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
StarHope
SMBJ12A SPSEMI-SMBJ12A Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Shenzhen Luguang Electr...
SMBJ12A LUGUANG-SMBJ12A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SMBJ12AON

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A13AT3G ONSEMI-NS6A13AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressor
November, 2008 ??Rev. 1
logo
Littelfuse
NSB12ANT3G LITTELFUSE-NSB12ANT3G Datasheet
233Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressor
logo
ON Semiconductor
NSB13ANT3G ONSEMI-NSB13ANT3G Datasheet
90Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressor
December, 2007 - Rev. 0
NS6A12AT3G ONSEMI-NS6A12AT3G Datasheet
103Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressor
August, 2014 ??Rev. 0
logo
Littelfuse
NS6A12AT3G LITTELFUSE-NS6A12AT3G Datasheet
229Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressor
logo
ON Semiconductor
NSB12ANT3G ONSEMI-NSB12ANT3G Datasheet
90Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressor
December, 2007 - Rev. 0
logo
Littelfuse
NS6A13AT3G LITTELFUSE-NS6A13AT3G Datasheet
239Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressor
logo
AiT Semiconductor Inc.
SMBJ5.0 AITSEMI-SMBJ5.0 Datasheet
542Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER
REV2.1
logo
Littelfuse
NSA5.0AT3G LITTELFUSE-NSA5.0AT3G Datasheet
232Kb / 4P
   400 Watt Peak Power Zener Transient Voltage Suppressor
NSA5.0AFT3G LITTELFUSE-NSA5.0AFT3G Datasheet
235Kb / 4P
   400 Watt Peak Power Zener Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com