Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB30CAT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # P6SMB30CAT3
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6SMB30CAT3 Datasheet(HTML) 2 Page - ON Semiconductor

  P6SMB30CAT3 Datasheet HTML 1Page - ON Semiconductor P6SMB30CAT3 Datasheet HTML 2Page - ON Semiconductor P6SMB30CAT3 Datasheet HTML 3Page - ON Semiconductor P6SMB30CAT3 Datasheet HTML 4Page - ON Semiconductor P6SMB30CAT3 Datasheet HTML 5Page - ON Semiconductor P6SMB30CAT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bi−Directional TVS
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
P6SMB11CAT3 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
ELECTRICAL CHARACTERISTICS (Devices listed in bold, italic are ON Semiconductor Preferred devices.)
Device*
Device
Marking
VRWM
(Note 4)
IR @
VRWM
Breakdown Voltage
VC @ IPP (Note 6)
QVBR
Ctyp
(Note 7)
VBR Volts (Note 5)
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
Volts
Amps
%/
°C
pF
P6SMB11CAT3, G
P6SMB12CAT3, G
P6SMB13CAT3, G
11C
12C
13C
9.4
10.2
11.1
5
5
5
10.5
11.4
12.4
11.05
12
13.05
11.6
12.6
13.7
1
1
1
15.6
16.7
18.2
38
36
33
0.075
0.078
0.081
865
800
740
P6SMB15CAT3, G
P6SMB16CAT3, G
P6SMB18CAT3, G
P6SMB20CAT3, G
15C
16C
18C
20C
12.8
13.6
15.3
17.1
5
5
5
5
14.3
15.2
17.1
19
15.05
16
18
20
15.8
16.8
18.9
21
1
1
1
1
21.2
22.5
25.2
27.7
28
27
24
22
0.084
0.086
0.088
0.09
645
610
545
490
P6SMB22CAT3, G
P6SMB24CAT3, G
P6SMB27CAT3, G
P6SMB30CAT3, G
22C
24C
27C
30C
18.8
20.5
23.1
25.6
5
5
5
5
20.9
22.8
25.7
28.5
22
24
27.05
30
23.1
25.2
28.4
31.5
1
1
1
1
30.6
33.2
37.5
41.4
20
18
16
14.4
0.09
0.094
0.096
0.097
450
415
370
335
P6SMB33CAT3, G
P6SMB36CAT3, G
P6SMB39CAT3, G
P6SMB43CAT3, G
33C
36C
39C
43C
28.2
30.8
33.3
36.8
5
5
5
5
31.4
34.2
37.1
40.9
33.05
36
39.05
43.05
34.7
37.8
41
45.2
1
1
1
1
45.7
49.9
53.9
59.3
13.2
12
11.2
10.1
0.098
0.099
0.1
0.101
305
280
260
240
P6SMB47CAT3, G
P6SMB51CAT3, G
P6SMB56CAT3, G
P6SMB62CAT3, G
47C
51C
56C
62C
40.2
43.6
47.8
53
5
5
5
5
44.7
48.5
53.2
58.9
47.05
51.05
56
62
49.4
53.6
58.8
65.1
1
1
1
1
64.8
70.1
77
85
9.3
8.6
7.8
7.1
0.101
0.102
0.103
0.104
220
205
185
170
P6SMB68CAT3, G
P6SMB75CAT3, G
P6SMB82CAT3, G
P6SMB91CAT3, G
68C
75C
82C
91C
58.1
64.1
70.1
77.8
5
5
5
5
64.6
71.3
77.9
86.5
68
75.05
82
91
71.4
78.8
86.1
95.5
1
1
1
1
92
103
113
125
6.5
5.8
5.3
4.8
0.104
0.105
0.105
0.106
155
140
130
120
4. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
5. VBR measured at pulse test current IT at an ambient temperature of 25°C.
6. Surge current waveform per Figure 2 and derate per Figure 3 of the General Data − 600 Watt at the beginning of this group.
7. Bias Voltage = 0 V, F = 1 MHz, TJ = 25°C
*The “G’’ suffix indicates Pb−Free package available. Please refer back to Ordering Information on front page.


Similar Part No. - P6SMB30CAT3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB30CA CENTRAL-P6SMB30CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
AiT Semiconductor Inc.
P6SMB30CA AITSEMI-P6SMB30CA Datasheet
409Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 600W SURFACE MOUNT
REV1.0
logo
Shenzhen Luguang Electr...
P6SMB30CA LUGUANG-P6SMB30CA Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
P6SMB30CA LUGUANG-P6SMB30CA Datasheet
2Mb / 3P
   Transient Voltage Suppressors
logo
Taiwan Semiconductor Co...
P6SMB30CA TSC-P6SMB30CA Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - P6SMB30CAT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB6.8AT3 ONSEMI-P6SMB6.8AT3 Datasheet
59Kb / 8P
   600 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 5
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB5.0AT3G ONSEMI-1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com