Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11640-101 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 11640-101
Description  PLL Clock Generator IC with VCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

11640-101 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  11640-101 Datasheet HTML 1Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 2Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 3Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 4Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 5Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 6Page - List of Unclassifed Manufacturers 11640-101 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMERICAN MICROSYSTEMS, INC.
April 2000
5
4.24.00
FS6128-01
FS6128-01
FS6128-01
FS6128-01
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
PLL Clock Generator IC with VCXO
ISO9001
ISO9001
ISO9001
ISO9001
Table 6: AC Timing Specifications
Unless otherwise stated, VDD = 3.3V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization
data and are not production tested to any specific limits. Where given, MIN and MAX characterization data are
± 3σfrom typical.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall
VCXO Stabilization Time *
tVCXOSTB
From power valid
10
ms
PLL Stabilization Time *
tPLLSTB
From VCXO stable
500
us
Synthesis Error
(unless otherwise noted in Frequency Table)
0
ppm
Clock Output (CLK)
Duty Cycle *
Ratio of high pulse width (as measured from rising
edge to next falling edge at VDD/2) to one clock period
45
55
%
Jitter, Period (peak-peak) *
tj(∆P)
From rising edge to next rising edge at VDD/2,
CL = 10pF
390
ps
Jitter, Long Term (
σ
y(
τ)) *
tj(LT)
From 0-500
µs at V
DD/2, CL = 10pF
compared to ideal clock source
155
ps
Rise Time *
tr
VDD = 3.3V; VO = 0.3V to 3.0V; CL = 10pF
1.7
ns
Fall Time *
tf
VDD = 3.3V; VO = 3.0V to 0.3V; CL = 10pF
1.7
ns


Similar Part No. - 11640-101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11640-828 ETC1-11640-828 Datasheet
51Kb / 5P
   DUAL PLL CLOCK GENERATOR IC
11640-838 ETC1-11640-838 Datasheet
51Kb / 5P
   DUAL PLL CLOCK GENERATOR IC
11640-XXX ETC2-11640-XXX Datasheet
58Kb / 4P
   Dual PLL Clock Generator IC
More results

Similar Description - 11640-101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
   DUAL PLL VCXO CLOCK GENERATOR IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
PLL501-21 PLL-PLL501-21 Datasheet
133Kb / 5P
   VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
   VCXO CLOCK GENERATOR IC
logo
ON Semiconductor
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com