Part Name
         Description
HM514170C

 262,144-word x 16-bit Dynamic Random Access Memory ( 26 Page)


HITACHI
100% 
Zoom Out Zoom In
 6 page
background image
HM514170C, HM51S4170C Series
6
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage on any pin relative to V
SS
V
T
–1.0 to +7.0
V
Supply voltage relative to V
SS
V
CC
–1.0 to +7.0
V
Short circuit output current
Iout
50
mA
Power dissipation
P
T
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Recommended DC Operating Conditions (Ta = 0 to +70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
V
SS
000V
2
V
CC
4.5
5.0
5.5
V
1, 2
Input high voltage
V
IH
2.4
6.5
V
1
Input low voltage
V
IL
–1.0
0.8
V
1
Notes: 1. All voltage referred to V
SS
2. The supply voltage with all V
CC pins must be on the same level.
The supply voltage with all V
SS pins must be on the same level.
DC Characteristics (Ta = 0 to +70
°C, V
CC = 5 V ± 10%, VSS = 0 V)
HM514170C, HM51S4170C
-7
-8
Parameter
Symbol Min
Max
Min
Max
Unit
Test Conditions
Operating current
*1, *2
I
CC1
120
105
mA
RAS, CAS cycling
t
RC = min
Standby current
I
CC2
2
2
mA
TTL interface
RAS, CAS = V
IH
Dout = High-Z
1
1
mA
CMOS interface
RAS, CAS, UWE, LWE, OE
V
CC – 0.2 V
Dout = High-Z
Standby current
(L-version)
I
CC2
200
200
µA
CMOS interface
RAS, CAS, OE, UWE, LWE
V
CC – 0.2 V
Dout = High
RAS-only refresh current*2 I
CC3
120
100
mA
t
RC = min
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GM71C17403C4 194 304 WORDS x 4 BIT CMOS DYNAMIC RAM 1 2 3 4 5 MoreHynix Semiconductor
AD798016-bit 1 MSPS PulSAR ADC in MSOP/QFN 1 2 3 4 5 MoreAnalog Devices
SN74ALS229B16 × 5 ASYNCHRONOUS FIRST-IN FIRST-OUT MEMORY 1 2 3 4 5 MoreTexas Instruments
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
XCV405E-6BG560CVirtex-E 1.8 V Extended Memory Field Programmable Gate Arrays 1 2 3 4 5 MoreXilinx, Inc
SAB82C257Advanced DMA Controller for 16-Bit Microcomputer Sytems ADMA 1 2 Siemens Semiconductor Group
HSTL169189-bit to 18-bit HSTL-to-LVTTL memory address latch 1 2 3 4 5 MoreNXP Semiconductors
LTC220616-Bit 105Msps/80Msps ADCs 1 2 3 4 5 MoreLinear Technology
LH28F640BFHG-PBTLZ764M x16 Flash Memory 1 2 3 4 5 MoreSharp Electrionic Components
LTC220816-Bit 130Msps ADC 1 2 3 4 5 MoreLinear Technology

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl