|
| HM514170C |
|
||
|
HITACHI |
|
3 page
HM514170C, HM51S4170C Series 3 Pin Arrangement V I/O0 I/O1 I/O2 I/O3 V I/O4 I/O5 I/O6 I/O7 NC LWE UWE RAS A9 A0 A1 A2 A3 V CC CC CC V I/O15 I/O14 I/O13 I/O12 V I/O11 I/O10 I/O9 I/O8 NC NC CAS OE A8 A7 A6 A5 A4 V SS SS SS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 V I/O0 I/O1 I/O2 I/O3 V I/O4 I/O5 I/O6 I/O7 NC LWE UWE RAS A9 A0 A1 A2 A3 V CC CC CC V I/O15 I/O14 I/O13 I/O12 V I/O11 I/O10 I/O9 I/O8 NC NC CAS OE A8 A7 A6 A5 A4 V SS SS SS 1 2 3 4 5 6 7 8 9 10 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 32 31 30 29 28 27 26 25 24 23 (Top view) (Top view) HM514170CJ/CLJ Series HM51S4170CJ/CLJ Series HM514170CTT/CLTT Series HM51S4170CTT/CLTT Series Pin Description Pin Name Function A0 – A9 Address input – Row address A0 – A9 – Column address A0 – A7 – Refresh address A0 – A9 I/O0 – I/O15 Data-in/data-out RAS Row address strobe CAS Column address strobe UWE / LWE Read/write enable OE Output enable V CC Power (+5 V) V SS Ground NC No connection |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GM71C17403C | 4 194 304 WORDS x 4 BIT CMOS DYNAMIC RAM | 1 2 3 4 5 More | Hynix Semiconductor |
| AD7980 | 16-bit 1 MSPS PulSAR ADC in MSOP/QFN | 1 2 3 4 5 More | Analog Devices |
| SN74ALS229B | 16 × 5 ASYNCHRONOUS FIRST-IN FIRST-OUT MEMORY | 1 2 3 4 5 More | Texas Instruments |
| M306V5ME-XXXSP | SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| XCV405E-6BG560C | Virtex-E 1.8 V Extended Memory Field Programmable Gate Arrays | 1 2 3 4 5 More | Xilinx, Inc |
| SAB82C257 | Advanced DMA Controller for 16-Bit Microcomputer Sytems ADMA | 1 2 | Siemens Semiconductor Group |
| HSTL16918 | 9-bit to 18-bit HSTL-to-LVTTL memory address latch | 1 2 3 4 5 More | NXP Semiconductors |
| LTC2206 | 16-Bit 105Msps/80Msps ADCs | 1 2 3 4 5 More | Linear Technology |
| LH28F640BFHG-PBTLZ7 | 64M x16 Flash Memory | 1 2 3 4 5 More | Sharp Electrionic Components |
| LTC2208 | 16-Bit 130Msps ADC | 1 2 3 4 5 More | Linear Technology |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |