Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM514170D Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM514170D
Description  262,144-word x 16-bit Dynamic RAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM514170D Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM514170D Datasheet HTML 3Page - Hitachi Semiconductor HM514170D Datasheet HTML 4Page - Hitachi Semiconductor HM514170D Datasheet HTML 5Page - Hitachi Semiconductor HM514170D Datasheet HTML 6Page - Hitachi Semiconductor HM514170D Datasheet HTML 7Page - Hitachi Semiconductor HM514170D Datasheet HTML 8Page - Hitachi Semiconductor HM514170D Datasheet HTML 9Page - Hitachi Semiconductor HM514170D Datasheet HTML 10Page - Hitachi Semiconductor HM514170D Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
HM51(S)4170D Series, HM51(S)4270D Series
7
Operation Mode
The HM51(S)4170D, HM51(S)4270D series has the following 11 operation modes.
1. Read cycle
2. Early write cycle
3. Delayed write cycle
4. Read-modify-write cycle
5.
RAS-only refresh cycle
6.
CAS-before-RAS refresh cycle
7. Self refresh cycle (HM51S4170D, HM51S4270D)
8. Fast page mode read cycle
9. Fast page mode early write cycle
10. Fast page mode delayed write cycle
11. Fast page mode read-modify-write cycle
Inputs
RAS
CAS
UWE
LWE
Output
Operation
H
H
D
D
Open
Standby
H
L
H
H
Valid
Standby
L
L
H
H
Valid
Read cycle
LL
L*
2
L*
2
Open
Early write cycle
LL
L*
2
L*
2
Undefined
Delayed write cycle
L
L
H to L
H to L
Valid
Read-modify-write cycle
L
H
D
D
Open
RAS-only refresh cycle
H to L
L
D
D
Open
CAS-before-RAS refresh cycle
Self refresh cycle
L
H to L
H
H
Valid
Fast page mode read cycle
L
H to L
L*
2
L*
2
Open
Fast page mode early write cycle
L
H to L
L*
2
L*
2
Undefined
Fast page mode delayed write cycle
L
H to L
H to L
H to L
Valid
Fast page mode read modify-write cycle
Notes: 1. H: High (inactive) L: Low (active) D: H or L
2. t
WCS ≥ 0 ns
Early write cycle
t
WCS < 0 ns
Delay write cycle
3. Mode is determined by the OR function of the
UWE and LWE. (Mode is set by the earliest of UWE
and
LWE active edge and reset by the latest of UWE and LWE inactive edge.) However write
OPERATION and output High-Z control are done independently by each
UWE, LWE.


Similar Part No. - HM514170D

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
HM514170CJ-7 HITACHI-HM514170CJ-7 Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
HM514170CJ-8 HITACHI-HM514170CJ-8 Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
HM514170CLJ-7 HITACHI-HM514170CLJ-7 Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
HM514170CLJ-8 HITACHI-HM514170CLJ-8 Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
More results

Similar Description - HM514170D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC514260BJ TOSHIBA-TC514260BJ Datasheet
1Mb / 29P
   262,144 WORD X 16 BIT DYNAMIC RAM
TC51V4260DFTS-60 TOSHIBA-TC51V4260DFTS-60 Datasheet
426Kb / 7P
   262,144 WORD X 16 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM41256A OKI-MSM41256A Datasheet
699Kb / 13P
   262,144-WORD x 1-BIT DYNAMIC RAM
MSM51C256A OKI-MSM51C256A Datasheet
751Kb / 15P
   262,144-WORD X 1-BIT DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4256A LG-GM71C4256A Datasheet
1,021Kb / 18P
   262,144 WORD x 4 BIT CMOS DYNAMIC RAM
GM71C4256 LG-GM71C4256 Datasheet
475Kb / 17P
   262,144 WORD x 4 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
TC514258P TOSHIBA-TC514258P Datasheet
1Mb / 18P
   262,144 WORD X4 BIT DYNAMIC RAM
logo
OKI electronic componet...
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com