Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM71C17403C-7 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GM71C17403C-7
Description  4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71C17403C-7 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GM71C17403C-7 Datasheet HTML 1Page - Hynix Semiconductor GM71C17403C-7 Datasheet HTML 2Page - Hynix Semiconductor GM71C17403C-7 Datasheet HTML 3Page - Hynix Semiconductor GM71C17403C-7 Datasheet HTML 4Page - Hynix Semiconductor GM71C17403C-7 Datasheet HTML 5Page - Hynix Semiconductor GM71C17403C-7 Datasheet HTML 6Page - Hynix Semiconductor GM71C17403C-7 Datasheet HTML 7Page - Hynix Semiconductor GM71C17403C-7 Datasheet HTML 8Page - Hynix Semiconductor GM71C17403C-7 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GM71C(S)17403C/CL
Rev 0.1 / Apr’01
Capacitance (VCC = 5V+/-10%, TA = 25C)
AC Characteristics (VCC = 5V+/-10%, TA = 0 ~ 70C, Notes 1, 2, 18, 19)
Read, Write, Read-Modify-Write and Refresh Cycles (Common Parameters)
Symbol
Parameter
Note
CI1
CI2
CI/O
Input Capacitance (Address)
Input Capacitance (Clocks)
Output Capacitance (Data-In/Out)
1
1
1, 2
Unit
pF
pF
pF
Max
5
7
7
Min
-
-
-
Test Conditions
Input rise and fall times: 2 ns
Input timing reference levels: 0.8V, 2.4V
Output timing reference levels: 0.8V, 2.0V
Output load : 1 TTL gate + CL (100pF)
(Including scope and jig)
Note: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2. CAS = VIH to disable DOUT.
Symbol
Parameter
Note
Max
Unit
Min
Max
Min
Max
Min
tRC
84
-
104
-
124
-
tRP
30
-
40
-
50
-
tRAS
50 10,000
60 10,000
70 10,000
tCAS
7 10,000
10,000
10,000
10
13
tASR
0
-
-
-
0
0
tRAH
7
-
-
-
10
10
tASC
0
-
-
-
0
0
tCAH
7
-
-
-
10
13
tRCD
11
37
45
52
14
14
3
tRAD
9
25
30
35
12
12
4
tRSH
10
-
-
-
13
13
tCSH
35
-
-
-
40
45
tCRP
5
-
-
-
5
5
tT
2
50
50
50
2
2
7
tDZO
0
-
-
-
0
0
tDZC
0
-
-
-
0
0
GM71C(S)17403
C/CL-5
13
-
-
-
15
18
5
6
6
tCP
7
-
10
-
13
-
Random Read or Write Cycle Time
RAS Precharge Time
RAS Pulse Width
CAS Pulse Width
Row Address Set up Time
Row Address Hold Time
Column Address Set-up Time
Column Address Hold Time
RAS to CAS Delay Time
RAS to Column Address Delay Time
RAS Hold Time
CAS Hold Time
CAS to RAS Precharge Time
Transition Time (Rise and Fall)
OE Delay Time from DIN
CAS Delay Time from DIN
OE to DIN Delay Time
CAS Precharge Time
tODD
GM71C(S)17403
C/CL-6
GM71C(S)17403
C/CL-7
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
21
22
24


Similar Part No. - GM71C17403C-7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CJ HYNIX-GM71C17400CJ Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-5 HYNIX-GM71C17400CLJ-5 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-6 HYNIX-GM71C17400CLJ-6 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-7 HYNIX-GM71C17400CLJ-7 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71C17403C-7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
logo
Toshiba Semiconductor
THM94000S TOSHIBA-THM94000S Datasheet
396Kb / 16P
   4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com