Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM71C17403CL-6 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GM71C17403CL-6
Description  4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71C17403CL-6 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GM71C17403CL-6 Datasheet HTML 1Page - Hynix Semiconductor GM71C17403CL-6 Datasheet HTML 2Page - Hynix Semiconductor GM71C17403CL-6 Datasheet HTML 3Page - Hynix Semiconductor GM71C17403CL-6 Datasheet HTML 4Page - Hynix Semiconductor GM71C17403CL-6 Datasheet HTML 5Page - Hynix Semiconductor GM71C17403CL-6 Datasheet HTML 6Page - Hynix Semiconductor GM71C17403CL-6 Datasheet HTML 7Page - Hynix Semiconductor GM71C17403CL-6 Datasheet HTML 8Page - Hynix Semiconductor GM71C17403CL-6 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
GM71C(S)17403C/CL
Rev 0.1 / Apr’01
DC Electrical Characteristics (VCC = 5.0V+/-10%, VSS = 0V, TOPR = 0 ~ 70C)
Symbol
Parameter
Note
VOH
VOL
Output Level
Output "H" Level Voltage (IOUT = -2mA)
Unit
Max
VCC
0.4
Min
2.0
0
Output Level
Output "L" Level Voltage (IOUT = 2mA)
ICC1
Operating Current
Average Power Supply Operating Current
(RAS, CAS Cycling : tRC = tRC min)
ICC2
Standby Current (TTL)
Power Supply Standby Current
(RAS, CAS = VIH, DOUT = High-Z)
ICC3
RAS Only Refresh Current
Average Power Supply Current
RAS Only Refresh Mode
(tRC = tRC min)
ICC4
ICC5
Standby Current (CMOS)
Power Supply Standby Current
(RAS, CAS >= VCC - 0.2V, DOUT = High-Z)
1
-
ICC6
CAS-before-RAS Refresh Current
(tRC = tRC min)
ICC7
150
-
ICC8
IL(I)
10
-10
IL(O)
10
-10
Input Leakage Current
Any Input (0V<=VIN<= 6V)
Output Leakage Current
(DOUT is Disabled, 0V<=VOUT<= 6V)
Note: 1. ICC depends on output load condition when the device is selected.
ICC(max) is specified at the output open condition.
2. Address can be changed once or less while RAS = VIL.
3. Address can be changed once or less while CAS = VIH.
4. CAS = L (<=0.2) while RAS = L (<=0.2).
5. L-version.
EDO Page Mode Current
Average Power Supply Current
EDO Page Mode
(tHPC = tHPC min)
120
-
50ns
60ns
70ns
110
100
-
2
-
-
100
-
50ns
60ns
70ns
90
80
-
-
-
90
-
50ns
60ns
70ns
80
70
-
V
V
mA
uA
uA
-
Standby Current RAS = VIH
CAS = VIL
DOUT = Enable
5
1
mA
Battery Backup Operating Current(Standby with CBR Refresh)
(CBR refresh, tRC = 62.5us, tRAS <= 0.3us,
DOUT = High-Z, CMOS interface)
350
-
uA
4,5
uA
5
mA
1, 2
mA
mA
2
mA
1, 3
mA
100
-
50ns
60ns
70ns
-
-
90
80


Similar Part No. - GM71C17403CL-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CJ HYNIX-GM71C17400CJ Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-5 HYNIX-GM71C17400CLJ-5 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-6 HYNIX-GM71C17400CLJ-6 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-7 HYNIX-GM71C17400CLJ-7 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71C17403CL-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
logo
Toshiba Semiconductor
THM94000S TOSHIBA-THM94000S Datasheet
396Kb / 16P
   4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com