Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF17A Datasheet(PDF) 1 Page - ON Semiconductor

Part # SMF17A
Description  Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF17A Datasheet(HTML) 1 Page - ON Semiconductor

  SMF17A Datasheet HTML 1Page - ON Semiconductor SMF17A Datasheet HTML 2Page - ON Semiconductor SMF17A Datasheet HTML 3Page - ON Semiconductor SMF17A Datasheet HTML 4Page - ON Semiconductor SMF17A Datasheet HTML 5Page - ON Semiconductor SMF17A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 1
1
Publication Order Number:
SMF5.0AT1/D
SMF5.0AT1 Series
Zener Transient
Voltage Suppressor
SOD−123 Flat Lead Package
The SMF5.0A Series is designed to protect voltage sensitive
components from high voltage, high energy transients. Excellent
clamping capability, high surge capability, low zener impedance and
fast response time. Because of its small size, it is ideal for use in
cellular phones, portable devices, business machines, power supplies
and many other industrial/consumer applications.
Features
Stand−off Voltage: 5 − 170 Volts
Peak Power − 200 Watts @ 1 ms (SMF5.0A − SMF58A)
− 175 Watts @ 1 ms (SMF60A − SMF170A)
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage
Response Time is Typically < 1 ns
ESD Rating of Class 3 (> 16 kV) per Human Body Model
IEC61000−4−2 Level 4 ESD Protection
IEC61000−4−4 40 A ESD Protection
Low Profile − Maximum Height of 1.0 mm
Small Footprint − Footprint Area of 8.45 mm2
Supplied in 8 mm Tape and Reel − 3,000 Units per Reel
Cathode Indicated by Polarity Band
Lead Orientation in Tape: Cathode Lead to Sprocket Holes
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
PLASTIC SURFACE MOUNT
ZENER OVERVOLTAGE
TRANSIENT SUPPRESSOR
5 − 170 VOLTS
200 WATT PEAK POWER
Device
Package
Shipping
ORDERING INFORMATION
SMFxxxAT1
SOD−123FL
3000/Tape & Reel
12
1: CATHODE
2: ANODE
http://onsemi.com
SOD−123FL
CASE 498
PLASTIC
MARKING DIAGRAM
1
CATHODE
2
ANODE
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
DEVICE MARKING INFORMATION
SMFxxxAT1G
SOD−123FL
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
xx
= Device Code (Refer to page 3)
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
xx M
G
G


Similar Part No. - SMF17A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF17A VISHAY-SMF17A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF17A UNSEMI-SMF17A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Nanjing International G...
SMF17A DGNJDZ-SMF17A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF17A VISHAY-SMF17A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Anova Technologies CO.,...
SMF17A ANOVA-SMF17A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMF17A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF45AT1G ONSEMI-SMF45AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
SMF78AT1G ONSEMI-SMF78AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
1SMF16BT1 ONSEMI-1SMF16BT1 Datasheet
52Kb / 4P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
February, 2004 ??Rev. 1
SMF33AT1G ONSEMI-SMF33AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF60AT1G ONSEMI-SMF60AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com