Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72221 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72221
Description  CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72221 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72221 Datasheet HTML 2Page - Integrated Device Technology IDT72221 Datasheet HTML 3Page - Integrated Device Technology IDT72221 Datasheet HTML 4Page - Integrated Device Technology IDT72221 Datasheet HTML 5Page - Integrated Device Technology IDT72221 Datasheet HTML 6Page - Integrated Device Technology IDT72221 Datasheet HTML 7Page - Integrated Device Technology IDT72221 Datasheet HTML 8Page - Integrated Device Technology IDT72221 Datasheet HTML 9Page - Integrated Device Technology IDT72221 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
5.07
6
IDT72421/72201/72211/72221/72231/72241 CMOS SyncFIFO
64 x 9, 256 x 9, 512 x 9, 1024 x 9, 2048 x 9 and 4096 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Read Enables (
REN1
REN1, REN2
REN2) — When both Read Enables
(
REN1, REN2) are LOW, data is read from the RAM array to
the output register on the LOW-to-HIGH transition of the read
clock (RCLK).
When either Read Enable (
REN1, REN2) is HIGH, the
output register holds the previous data and no new data is
allowed to be loaded into the register.
When all the data has been read from the FIFO, the Empty
Flag (
EF) will go LOW, inhibiting further read operations. Once
a valid write operation has been accomplished, the Empty
Flag (
EF) will go HIGH after tREF and a valid read can begin.
The Read Enables (
REN1, REN2) are ignored when the FIFO
is empty.
Output Enable (
OE
OE) — When Output Enable (OE) is
enabled (LOW), the parallel output buffers receive data from
the output register. When Output Enable (
OE) is disabled
(HIGH), the Q output data bus is in a high-impedance state.
Write Enable 2/Load (WEN2/
LLD
D) — This is a dual-
purpose pin.
The FIFO is configured at Reset to have
programmable flags or to have two write enables, which
allows depth expansion. If Write Enable 2/Load (WEN2/
LD)
is set high at Reset (
RS = LOW), this pin operates as a second
write enable pin.
If the FIFO is configured to have two write enables, when
Write Enable (
WEN1)isLOWandWriteEnable2/Load(WEN2/
LD) is HIGH, data can be loaded into the input register and
RAM array on the LOW-to-HIGH transition of every write clock
(WCLK). Data is stored in the RAM array sequentially and
independently of any on-going read operation.
In this configuration, when Write Enable (
WEN1) is HIGH
and/or Write Enable 2/Load (WEN2/
LD) is LOW, the input
register holds the previous data and no new data is allowed to
be loaded into the register.
To prevent data overflow, the Full Flag (
FF) will go LOW,
inhibiting further write operations. Upon the completion of a
valid read cycle, the Full Flag (
FF) will go HIGH after tWFF,
allowing a valid write to begin. Write Enable 1 (
WEN1)andWrite
Enable 2/Load (WEN2/
LD) are ignored when the FIFO is full.
The FIFO is configured to have programmable flags when
the Write Enable 2/Load (WEN2/
LD) is set LOW at Reset
(
RS=low). The IDT72421/72201/72211/72221/72231/72241
devices contain four 8-bit offset registers which can be loaded
with data on the inputs, or read on the outputs. See Figure 3
for details of the size of the registers and the default values.
If the FIFO is configured to have programmable flags when
the Write Enable 1 (
WEN1) and Write Enable 2/Load (WEN2/
LD) are set low, data on the inputs D is written into the Empty
(Least Significant Bit) offset register on the first LOW-to-HIGH
transition of the write clock (WCLK). Data is written into the
Empty (Most Significant Bit) offset register on the second
LOW-to-HIGH transition of the write clock (WCLK), into the
Full (Least Significant Bit) offset register on the third transition,
and into the Full (Most Significant Bit) offset register on the
fourth transition. The fifth transition of the write clock (WCLK)
again writes to the Empty (Least Significant Bit) offset register.
SIGNAL DESCRIPTIONS
INPUTS:
Data In (D0 - D8) — Data inputs for 9-bit wide data.
CONTROLS:
Reset (
RS
RS) — Reset is accomplished whenever the Reset
(
RS) input is taken to a LOW state. During reset, both internal
read and write pointers are set to the first location. A reset is
required after power-up before a write operation can take
place. The Full Flag (
FF) and Programmable Almost-Full Flag
(
PAF) will be reset to HIGH after tRSF. The Empty Flag (EF) and
Programmable Almost-Empty Flag (
PAE) will be reset to LOW
after tRSF. During reset, the output register is initialized to all
zeros and the offset registers are initialized to their default
values.
Write Clock (WCLK) — A write cycle is initiated on the
LOW-to-HIGH transition of the write clock (WCLK). Data set-
up and hold times must be met in respect to the LOW-to-HIGH
transition of the write clock (WCLK). The Full Flag (
FF) and
Programmable Almost-Full Flag (
PAF) are synchronized with
respect to the LOW-to-HIGH transition of the write clock
(WCLK).
The write and read clocks can be asynchronous or
coincident.
Write Enable 1 (
WEN1
WEN1) — If the FIFO is configured for
programmable flags, Write Enable 1 (
WEN1) is the only
enable control pin. In this configuration, when Write Enable 1
(
WEN1) is low, data can be loaded into the input register and
RAM array on the LOW-to-HIGH transition of every write clock
(WCLK). Data is stored in the RAM array sequentially and
independently of any on-going read operation.
In this configuration, when Write Enable 1 (
WEN1) is HIGH,
the input register holds the previous data and no new data is
allowed to be loaded into the register.
If the FIFO is configured to have two write enables, which
allows for depth expansion, there are two enable control pins.
See Write Enable 2 paragraph below for operation in this
configuration.
To prevent data overflow, the Full Flag (
FF) will go LOW,
inhibiting further write operations. Upon the completion of a
valid read cycle, the Full Flag (
FF) will go HIGH after tWFF,
allowing a valid write to begin. Write Enable 1 (
WEN1) is
ignored when the FIFO is full.
Read Clock (RCLK) — Data can be read on the outputs on
the LOW-to-HIGH transition of the read clock (RCLK). The
Empty Flag (
EF) and Programmable Almost-Empty Flag (PAE)
are synchronized with respect to the LOW-to-HIGH transition
of the read clock (RCLK).
The write and read clocks can be asynchronous or
coincident.


Similar Part No. - IDT72221

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72221 IDT-IDT72221 Datasheet
291Kb / 14P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72221 RENESAS-IDT72221 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72221L10J IDT-IDT72221L10J Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72221L10JI IDT-IDT72221L10JI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72221L10PF IDT-IDT72221L10PF Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72221

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com