Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72841L20PF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72841L20PF
Description  DUAL CMOS SyncFIFO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72841L20PF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72841L20PF Datasheet HTML 1Page - Integrated Device Technology IDT72841L20PF Datasheet HTML 2Page - Integrated Device Technology IDT72841L20PF Datasheet HTML 3Page - Integrated Device Technology IDT72841L20PF Datasheet HTML 4Page - Integrated Device Technology IDT72841L20PF Datasheet HTML 5Page - Integrated Device Technology IDT72841L20PF Datasheet HTML 6Page - Integrated Device Technology IDT72841L20PF Datasheet HTML 7Page - Integrated Device Technology IDT72841L20PF Datasheet HTML 8Page - Integrated Device Technology IDT72841L20PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
5.15
2
COMMERCIAL TEMPERATURE
72801/72811/72821/72831/72841 DUAL CMOS SyncFIFO
256 x 9, 512 x 9, 1024 x 9, 2048 x 9 and 4096 x 9
each FIFO bank to improve memory utilization. If not pro-
grammed, the programmable flags default to empty+7 for
PAEA and PAEB, and full-7 for PAFA and PAFB.
The 72801/72811/72821/72831/72841 architecture lends
itself to many flexible configurations such as:
• 2-level priority data buffering
• Bidirectional operation
• Width expansion
• Depth expansion
This FIFO is fabricated using IDTs high-performance sub-
micron CMOS technology.
FUNCTIONAL BLOCK DIAGRAM
WCLKA
WENA2
DA0 - DA8
OFFSET REGISTER
INPUT REGISTER
RAM ARRAY
256 x 9,
512 x 9, 1024 x 9,
2048 x 9, 4096 x 9
WRITE CONTROL
LOGIC
WRITE POINTER
RESET LOGIC
OUTPUT REGISTER
QA0 - QA8
RCLKA
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
3034 drw 01A
WCLKB
WENB2
DB0 - DB8
OFFSET REGISTER
INPUT REGISTER
RAM ARRAY
256 x 9,
512 x 9, 1024 x 9,
2048 x 9, 4096 x 9
WRITE CONTROL
LOGIC
WRITE POINTER
RESET LOGIC
OUTPUT REGISTER
QB0 - QB8
RCLKB
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC


Similar Part No. - IDT72841L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72841L25PF IDT-IDT72841L25PF Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72841L25PFI IDT-IDT72841L25PFI Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72841L25TF IDT-IDT72841L25TF Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72841L25TFI IDT-IDT72841L25TFI Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
More results

Similar Description - IDT72841L20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com