Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74F657BDW Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74F657BDW
Description  OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F657BDW Datasheet(HTML) 4 Page - Motorola, Inc

  MC74F657BDW Datasheet HTML 1Page - Motorola, Inc MC74F657BDW Datasheet HTML 2Page - Motorola, Inc MC74F657BDW Datasheet HTML 3Page - Motorola, Inc MC74F657BDW Datasheet HTML 4Page - Motorola, Inc MC74F657BDW Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-250
FAST AND LS TTL DATA
MC74F657A, B
F657A
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
74F
74F
Unit
Symbol
Parameter
TA = +25°C
VCC = +5.0 V
CL = 50 pF
TA = 0°C to +70°C
VCC = +5.0 V ± 10%
CL = 50 pF
Unit
Symbol
Parameter
Min
Typ
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
2.0
7.0
2.0
7.5
ns
PLH
tPHL
An to Bn or Bn to An
2.0
7.0
2.0
7.5
ns
tPLH
Propagation Delay
6.0
13
5.5
14
ns
tPHL
An to PARITY
6.5
13
6.5
14
ns
tPLH
Propagation Delay
4.5
10.5
4.5
11
ns
tPHL
EVEN/ODD to PARITY, ERROR
4.5
10.5
4.5
11.5
ns
tPLH
Propagation Delay
7.0
18
6.5
19
ns
tPHL
Bn to ERROR
7.0
18
6.5
19
ns
tPLH
Propagation Delay
8.0
14
7.0
15
ns
tPHL
PARITY to ERROR
7.0
14
7.0
15
ns
tPZH
Output Enable Time
3.0
8.0
3.0
9.0
ns
tPZL
to HIGH or LOW Level
4.0
9.0
4.0
10
ns
tPHZ
tPLZ
Output Disable Time
2.0
7.5
2.0
8.0
ns
PHZ
tPLZ
from HIGH or LOW Level
2.0
6.0
2.0
6.5
ns
F657B
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
74F
74F
Unit
Symbol
Parameter
TA = +25°C
VCC = +5.0 V
CL = 50 pF
TA = 0°C to +70°C
VCC = +5.0 V ± 10%
CL = 50 pF
Unit
Symbol
Parameter
Min
Typ
Max
Min
Max
Unit
tPLH
Propagation Delay
2.0
6.0
2.0
6.5
ns
tPHL
An to Bn or Bn to An
2.0
6.0
2.0
6.5
ns
tPLH
Propagation Delay
4.5
11.5
4.5
13
ns
tPHL
An to PARITY
4.5
11.5
4.5
13
ns
tPLH
Propagation Delay
2.0
7.5
2.0
8.5
ns
tPHL
EVEN/ODD to PARITY, ERROR
2.0
7.5
2.0
8.5
ns
tPLH
Propagation Delay
4.0
15
3.5
16
ns
tPHL
Bn to ERROR
4.0
15
3.5
16
ns
tPLH
Propagation Delay
5.0
11
4.0
12
ns
tPHL
PARITY to ERROR
5.0
11
4.0
12
ns
tPZH
Output Enable Time
2.0
7.0
2.0
8.0
ns
tPZL
to HIGH or LOW Level
2.0
7.0
2.0
8.0
ns
tPHZ
tPLZ
Output Disable Time
2.0
6.0
2.0
6.5
ns
PHZ
tPLZ
from HIGH or LOW Level
2.0
6.0
2.0
6.5
ns


Similar Part No. - MC74F657BDW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F620 MOTOROLA-MC74F620 Datasheet
108Kb / 5P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS (INVERTING AND NONINVERTING)
MC74F623 MOTOROLA-MC74F623 Datasheet
108Kb / 5P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS (INVERTING AND NONINVERTING)
MC74F640 MOTOROLA-MC74F640 Datasheet
88Kb / 4P
   OCTAL BUS TRANSCEIVER, INVERTING WITH 3-STATE OUTPUTS
More results

Similar Description - MC74F657BDW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
74ACQ657 FAIRCHILD-74ACQ657 Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
logo
National Semiconductor ...
54ACTQ657 NSC-54ACTQ657 Datasheet
229Kb / 10P
   Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com