Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72831L25PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72831L25PF
Description  DUAL CMOS SyncFIFO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72831L25PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72831L25PF Datasheet HTML 4Page - Integrated Device Technology IDT72831L25PF Datasheet HTML 5Page - Integrated Device Technology IDT72831L25PF Datasheet HTML 6Page - Integrated Device Technology IDT72831L25PF Datasheet HTML 7Page - Integrated Device Technology IDT72831L25PF Datasheet HTML 8Page - Integrated Device Technology IDT72831L25PF Datasheet HTML 9Page - Integrated Device Technology IDT72831L25PF Datasheet HTML 10Page - Integrated Device Technology IDT72831L25PF Datasheet HTML 11Page - Integrated Device Technology IDT72831L25PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
5.15
8
COMMERCIAL TEMPERATURE
72801/72811/72821/72831/72841 DUAL CMOS SyncFIFO
256 x 9, 512 x 9, 1024 x 9, 2048 x 9 and 4096 x 9
OUTPUTS:
Full Flag (
FFA
FFA, FFB
FFB) — FFA (FFB) will go LOW, inhibiting
further write operations, when Array A (B) is full. If no reads
are performed after reset,
FFA (FFB) will go LOW after 256
writes to the 72801's FIFO A (B), 512 writes to the 72811's
FIFO A (B), 1024 writes to the 72821's FIFO A (B), 2048 writes
to the 72831's FIFO A (B), or 4096 writes to the 72841's FIFO
A (B).
FFA (FFB) is synchronized with respect to the LOW-to-
HIGH transition of the write clock WCLKA (WCLKB).
Empty Flag (
EFA
EFA, EFB
EFB) — EFA (EFB) will go LOW,
inhibiting further read operations, when the read pointer is
equal to the write pointer, indicating that Array A (B) is empty.
EFA (EFB) is synchronized with respect to the LOW-to-
HIGH transition of the read clock RCLKA (RCLKB).
Programmable Almost–Full Flag (
PAFA
PAFA, PAFB
PAFB) — PAFA
(
PAFB) will go LOW when the amount of data in Array A (B)
reaches the Almost-Full condition. If no reads are performed
after reset,
PAFA (PAFB) will go LOW after (256-m) writes to
the 72801's FIFO A (B), (512-m) writes to the 72811's FIFO A
(B), (1024-m) writes to the 72821's FIFO A (B), (2048-m)
TABLE 1: STATUS FLAGS FOR A AND B FIFOS
NUMBER OF WORDS IN ARRAY A
FFA
FFA
PAFA
PAFA
PAEA
PAEA
EFA
EFA
NUMBER OF WORDS IN ARRAY B
FFB
FFB
PAFB
PAFB
PAEB
PAEB
EFB
EFB
72801
72811
72821
00
0
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
HH
L
H
(n+1) to (256-(m+1))
(n+1) to (512-(m+1))
(n+1) to (1024-(m+1))
H
H
H
H
(256-m)(2) to 255
(512-m)(2) to 511
(1024-m)(2) to 1023
H
L
H
H
256
512
1024
L
L
H
H
NUMBER OF WORDS IN ARRAY A
FFA
FFA
PAFA
PAFA
PAEA
PAEA
EFA
EFA
NUMBER OF WORDS IN ARRAY B
FFB
FFB
PAFB
PAFB
PAEB
PAEB
EFB
EFB
72831
72841
00
H
H
L
L
1 to n(1)
1 to n(1)
HH
L
H
(n+1) to (2048-(m+1))
(n+1) to (4096-(m+1))
H
H
H
H
(2048-m)(2) to 2047
(4096-m)(2) to 4095
H
L
H
H
2048
4096
L
L
H
H
NOTES:
3034 tbl 09
1. n = Empty Offset (n = 7 default value)
2. m = Full Offset (m = 7 default value)
writes to the 72831's FIFO A (B), or (4096-m) writes to the
72841's FIFO A (B).
FFA (FFB) is synchronized with respect to the LOW-to-
HIGH transition of the write clock WCLKA (WCLKB). The
offset “m” is defined in the Full Offset Registers.
If there is no Full offset specified,
PAFA (PAFB) will go LOW
at Full-7 words.
PAFA (PAFB) is synchronized with respect to the LOW-to-
HIGH transition of the write clock WCLKA (WCLKB).
Programmable Almost–Empty Flag (
PAEA
PAEA, PAEB
PAEB) —
PAEA (PAEB) will go LOW when the read pointer is "n+1"
locations less than the write pointer. The offset "n" is defined
in the Empty Offset Registers. If no reads are performed after
reset,
PAEA (PAEB) will go HIGH after "n+1" writes to FIFO A
(B).
If there is no Empty offset specified,
PAEA (PAEB) will go
LOW at Empty+7 words.
PAEA (PAEB) is synchronized with respect to the LOW-to-
HIGH transition of the read clock RCLKA (RCLKB).
Data Outputs (QA0 – QA8, QB0 – QB8 ) — QA0 - QA8 are
the nine data outputs for memory array A, QB0 - QB8 are the
nine data outputs for memory array B.


Similar Part No. - IDT72831L25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72831L25PF IDT-IDT72831L25PF Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72831L25PFI IDT-IDT72831L25PFI Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
More results

Similar Description - IDT72831L25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com