Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT2G17GW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT2G17GW
Description  Dual non-inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT2G17GW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT2G17GW Datasheet HTML 3Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 4Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 5Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 6Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 7Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 8Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 9Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 10Page - NXP Semiconductors 74HCT2G17GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74HC_HCT2G17_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
7 of 18
NXP Semiconductors
74HC2G17; 74HCT2G17
Dual non-inverting Schmitt trigger
12. Dynamic characteristics
Tamb = −40 °C to +125 °C
VOH
HIGH-level output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 µA
4.4
-
-
V
IO = −4.0 mA
3.7
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 µA
-
-
0.1
V
IO = −4.0 mA
-
-
0.4
V
II
input leakage current
VI = GND or VCC; VCC = 5.5 V
-
-
±1.0
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 5.5 V
-
-
20.0
µA
∆ICC
additional supply current
VI = VCC − 2.1 V;
VCC = 4.5 V to 5.5 V; IO = 0 A
-
-
410
µA
Table 8.
Static characteristics for 74HCT2G17 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol
Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
74HC2G17
tpd
propagation delay
nA to nY; see Figure 5
[1]
VCC = 2.0 V; CL = 50 pF
-
36
115
-
140
175
ns
VCC = 4.5 V; CL = 50 pF
-
12
22
-
27
34
ns
VCC = 6.0 V; CL = 50 pF
-
10
18
-
22
28
ns
tt
transition time
nY; see Figure 5
[2]
VCC = 2.0 V; CL = 50 pF
-
20
75
-
95
110
ns
VCC = 4.5 V; CL = 50 pF
-
7
15
-
19
22
ns
VCC = 6.0 V; CL = 50 pF
-
5
13
-
16
19
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[3]
-10-
-
-
-
pF


Similar Part No. - 74HCT2G17GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G17GW NEXPERIA-74HCT2G17GW Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HCT2G17GW-Q100 NEXPERIA-74HCT2G17GW-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
More results

Similar Description - 74HCT2G17GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
   Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
logo
Unisonic Technologies
U74AHCT3G17 UTC-U74AHCT3G17 Datasheet
176Kb / 6P
   NON-INVERTING SCHMITT TRIGGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com