Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G332GM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC1G332GM
Description  Single 3-input OR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G332GM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1G332GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 11Page - NXP Semiconductors 74LVC1G332GM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74LVC1G332_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2006
8 of 15
NXP Semiconductors
74LVC1G332
Single 3-input OR gate
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance; should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Load circuitry for switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
PULSE
GENERATOR
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr =tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
open
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
open
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
open


Similar Part No. - 74LVC1G332GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G332GM NXP-74LVC1G332GM Datasheet
84Kb / 14P
   Single 3-input OR gate
Rev. 02-19 July 2007
logo
Nexperia B.V. All right...
74LVC1G332GM NEXPERIA-74LVC1G332GM Datasheet
260Kb / 16P
   Single 3-input OR gate
Rev. 11 - 10 May 2023
More results

Similar Description - 74LVC1G332GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G332 NEXPERIA-74LVC1G332 Datasheet
260Kb / 16P
   Single 3-input OR gate
Rev. 11 - 10 May 2023
logo
NXP Semiconductors
74LVC1G332 NXP-74LVC1G332 Datasheet
84Kb / 14P
   Single 3-input OR gate
Rev. 02-19 July 2007
logo
ON Semiconductor
NL17SZ332 ONSEMI-NL17SZ332 Datasheet
304Kb / 11P
   Single 3-Input OR Gate
September, 2020 ??Rev. 1
logo
Texas Instruments
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
logo
ON Semiconductor
NLX1G332 ONSEMI-NLX1G332_16 Datasheet
77Kb / 7P
   3-Input OR Gate
June, 2016 ??Rev. 5
NLX1G332 ONSEMI-NLX1G332 Datasheet
141Kb / 8P
   3-Input OR Gate
September, 2009 ??Rev. 0
logo
Texas Instruments
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com