Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY588C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGY588C
Description  550 MHz, 34.5 dB gain push-pull amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY588C Datasheet(HTML) 5 Page - NXP Semiconductors

  BGY588C Datasheet HTML 1Page - NXP Semiconductors BGY588C Datasheet HTML 2Page - NXP Semiconductors BGY588C Datasheet HTML 3Page - NXP Semiconductors BGY588C Datasheet HTML 4Page - NXP Semiconductors BGY588C Datasheet HTML 5Page - NXP Semiconductors BGY588C Datasheet HTML 6Page - NXP Semiconductors BGY588C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
9397 750 14608
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2005
5 of 7
Philips Semiconductors
BGY588C
550 MHz, 34.5 dB gain push-pull amplifier
7.
Revision history
Table 6:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
BGY588C_1
20050411
Product data sheet
-
9397 750 14608
-


Similar Part No. - BGY588C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY588C NXP-BGY588C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BGY588C JMNIC-BGY588C_15 Datasheet
51Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY588C_2015 JMNIC-BGY588C_2015 Datasheet
51Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
More results

Similar Description - BGY588C

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY588N_2015 JMNIC-BGY588N_2015 Datasheet
55Kb / 8P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY588C_2015 JMNIC-BGY588C_2015 Datasheet
51Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY588C JMNIC-BGY588C_15 Datasheet
51Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY588N JMNIC-BGY588N_15 Datasheet
55Kb / 8P
   550 MHz, 34.5 dB gain push-pull amplifier
OM7650 JMNIC-OM7650_15 Datasheet
52Kb / 7P
   550 MHz, 34 dB gain push-pull amplifier
BGY585A_2015 JMNIC-BGY585A_2015 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
BGY587_2015 JMNIC-BGY587_2015 Datasheet
55Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
BGY585A JMNIC-BGY585A_15 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY585A NXP-BGY585A Datasheet
243Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
Rev. 6 - 29 September 2010
BGY587 NXP-BGY587 Datasheet
101Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
Rev. 5 - 20 September 2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com