Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7907-40ATC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BUK7907-40ATC
Description  TrenchPLUS standard level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7907-40ATC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BUK7907-40ATC Datasheet HTML 6Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 7Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 8Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 9Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 10Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 11Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 12Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 13Page - NXP Semiconductors BUK7907-40ATC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
BUK71/7907-40ATC
TrenchPLUS standard level FET
Product data
Rev. 01 — 9 August 2002
10 of 16
9397 750 09874
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
IF = 250 µAVF at Tj = 25 C; IF = 250 µA
Fig 17. Forward voltage of temperature sense diode as
a function of junction temperature; typical
values.
Fig 18. Temperature coefficient of temperature sense
diode as a function of forward voltage; typical
values.
VGS =0V
Fig 19. Reverse diode current as a function of reverse diode voltage; typical values.
03ne84
400
500
600
700
0
50
100
150
200
Tj (ºC)
VF
(mV)
03ne85
1.40
1.45
1.50
1.55
1.60
1.65
1.70
645
650
655
660
665
670
675
VF (mV)
-SF
(mV/K)
max
typ
min
03ni72
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
VSD (V)
(A)
Tj = 25 °C
175
°C
IS


Similar Part No. - BUK7907-40ATC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7907-40ATC NXP-BUK7907-40ATC Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
logo
Nexperia B.V. All right...
BUK7907-40ATC NEXPERIA-BUK7907-40ATC Datasheet
738Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02 - 10 February 2009
logo
NXP Semiconductors
BUK7907-40ATC PHILIPS-BUK7907-40ATC_15 Datasheet
240Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 02-10 February 2009
More results

Similar Description - BUK7907-40ATC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7105-40AIE PHILIPS-BUK7105-40AIE Datasheet
143Kb / 16P
   TrenchPLUS standard level FET
Rev. 04-6 February 2004
logo
Guangdong Kexin Industr...
KUK7105-40AIE KEXIN-KUK7105-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
KUK7105-40ATE KEXIN-KUK7105-40ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7C08-55AITE PHILIPS-BUK7C08-55AITE Datasheet
313Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-19 August 2003
BUK7L11-34ARC PHILIPS-BUK7L11-34ARC Datasheet
108Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7108-40AIE PHILIPS-BUK7108-40AIE Datasheet
332Kb / 16P
   TrenchPLUS standard level FET
Rev. 02-24 October 2003
logo
Guangdong Kexin Industr...
KUK7107-55ATE KEXIN-KUK7107-55ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7107-55AIE KEXIN-KUK7107-55AIE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7108-40AIE KEXIN-KUK7108-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com