Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1504C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ISP1504C
Description  ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1504C Datasheet(HTML) 4 Page - NXP Semiconductors

  ISP1504C Datasheet HTML 1Page - NXP Semiconductors ISP1504C Datasheet HTML 2Page - NXP Semiconductors ISP1504C Datasheet HTML 3Page - NXP Semiconductors ISP1504C Datasheet HTML 4Page - NXP Semiconductors ISP1504C Datasheet HTML 5Page - NXP Semiconductors ISP1504C Datasheet HTML 6Page - NXP Semiconductors ISP1504C Datasheet HTML 7Page - NXP Semiconductors ISP1504C Datasheet HTML 8Page - NXP Semiconductors ISP1504C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
ISP1504A_ISP1504C_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 19 October 2006
4 of 84
NXP Semiconductors
ISP1504A; ISP1504C
ULPI HS USB OTG transceiver
5.
Block diagram
Fig 1.
Block diagram
REGISTER
MAP
ULPI
INTERFACE
CONTROLLER
USB DATA
SERIALIZER
USB DATA
DESERIALIZER
HI-SPEED USB ATX
DM
DP
STP
DIR
NXT
DATA
[7:0]
8
4
5
21
20
19
1, 23 to 26,
28, 31, 32
004aaa478
CLOCK
27
TERMINATION
RESISTORS
ID
DETECTOR
VBUS
COMPARATORS
ON-THE-GO MODULE
SRP CHARGE
AND DISCHARGE
RESISTORS
5 V CHARGE
PUMP SUPPLY
POWER-ON
RESET
PLL
CRYSTAL
OSCILLATOR
VOLTAGE
REGULATOR
BAND GAP
REFERENCE
VOLTAGE
RREF
3
internal power
VCC
11
REG3V3
REG1V8
14
18
RESET_N
GLOBAL
RESET
GLOBAL
CLOCKS
XTAL2
XTAL1
15
16
VCC(I/O)
2, 22, 30 interface voltage
PSW_N
DRV VBUS
EXTERNAL
DRV VBUS
ID
7
VBUS
13
FAULT
6
12
CPGND
8
10
C_A
C_B
9
ISP1504
17
ULPI
INTERFACE
USB
CABLE
VREF
CHIP_SELECT_N
29
VBUS VALID
EXTERNAL


Similar Part No. - ISP1504C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1504C1 NXP-ISP1504C1 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1504C1ET NXP-ISP1504C1ET Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
More results

Similar Description - ISP1504C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A Datasheet
400Kb / 79P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01 - 30 May 2007
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
NXP Semiconductors
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
ISP1301 PHILIPS-ISP1301 Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com