Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1504C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1504C
Description  ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1504C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1504C Datasheet HTML 4Page - NXP Semiconductors ISP1504C Datasheet HTML 5Page - NXP Semiconductors ISP1504C Datasheet HTML 6Page - NXP Semiconductors ISP1504C Datasheet HTML 7Page - NXP Semiconductors ISP1504C Datasheet HTML 8Page - NXP Semiconductors ISP1504C Datasheet HTML 9Page - NXP Semiconductors ISP1504C Datasheet HTML 10Page - NXP Semiconductors ISP1504C Datasheet HTML 11Page - NXP Semiconductors ISP1504C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
ISP1504A_ISP1504C_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 19 October 2006
8 of 84
NXP Semiconductors
ISP1504A; ISP1504C
ULPI HS USB OTG transceiver
Differential receiver and single-ended receivers to receive data at high-speed,
full-speed and low-speed
Squelch circuit to detect high-speed bus activity
High-speed disconnect detector
45
Ω high-speed bus terminations on DP and DM for peripheral and host modes
1.5 k
Ω pull-up resistor on DP for full-speed peripheral mode
15 k
Ω bus terminations on DP and DM for host and OTG modes
For details on controlling resistor settings, see Table 8.
7.4 Voltage regulator
The ISP1504 contains a built-in voltage regulator that conditions the VCC supply for use
inside the ISP1504. The voltage regulator:
Supports input supply range of 3.0V<VCC < 3.6 V
Supplies internal circuitry with 1.8 V and 3.3 V
Remark: The REG1V8 and REG3V3 pins require external decoupling capacitors. For
details, see Section 16.
7.5 Crystal oscillator and PLL
The ISP1504 has a built-in crystal oscillator and a Phase-Locked Loop (PLL) for clock
generation.
The crystal oscillator takes a sine-wave input from an external crystal, on the XTAL1 pin,
and converts it to a square wave clock for internal use. Alternatively, a square wave clock
of the same frequency can also be directly driven into the XTAL1 pin. Using an existing
square wave clock can save the cost of a crystal and also reduce the board size.
The PLL takes the square wave clock from the crystal oscillator and multiplies or divides it
into various frequencies for internal use. The PLL can also take a 60 MHz input from the
CLOCK pin. This eliminates the need for an external crystal or clock on XTAL1.
The PLL produces the following frequencies, irrespective of the clock source:
60 MHz clock for the ULPI interface controller
1.5 MHz for the low-speed USB data
12 MHz for the full-speed USB data
480 MHz for the high-speed USB data
Other internal frequencies for data conversion and data recovery
7.6 OTG module
This module contains several sub-blocks that provide all the functionality required by the
USB OTG specification. Specifically, it provides the following circuits:
The ID detector to sense the ID pin of the mini-USB cable. The ID pin dictates which
device is initially configured as the host and which as the peripheral.


Similar Part No. - ISP1504C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1504C1 NXP-ISP1504C1 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1504C1ET NXP-ISP1504C1ET Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
More results

Similar Description - ISP1504C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A Datasheet
400Kb / 79P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01 - 30 May 2007
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
NXP Semiconductors
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
ISP1301 PHILIPS-ISP1301 Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com