Part Name
         Description
LPC3180

 16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface ( 36 Page)


PHILIPS
100% 
Zoom Out Zoom In
 6 page
background image
LPC3180_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 2 June 2006
6 of 36
Philips Semiconductors
LPC3180
16/32-bit ARM microcontroller with external memory interface
Row M
1
GPO_08
2
GPO_10
3
GPO_07
4
GPO_06
21
VSS_SDRAM_04
22
RAM_D[10]
23
RAM_D[14]
24
RAM_D[12]
Row N
1
GPO_13
2
GPO_16
3
VSS_IO28_03
4
GPO_09
21
RAM_D[07]
22
VSS_SDRAM_05
23
RAM_D[11]
24
RAM_D[09]
Row P
1
GPO_18
2
GPO_22/U7_HRTS
3
GPO_12
4
GPO_21/U4_TX
21
RAM_D[04]
22
VDD_SDRAM18_05
23
RAM_D[08]
24
RAM_D[06]
Row R
1
GPIO_01
2
GPIO_05
3
VSS_CORE_05
4
GPO_15
21
VSS_CORE_06
22
VSS_SDRAM_06
23
RAM_D[05]
24
RAM_D[03]
Row T
1
GPIO_03/
KEY_ROW7
2
GPIO_04
3
GPIO_00
4
SPI2_DATIN
21
RAM_CLKIN
22
RAM_D[01]
23
RAM_D[00]
24
RAM_D[02]
Row U
1
2
MS_DIO1
3
GPIO_02/
KEY_ROW6
4
VDD_IO28_01
21
RAM_RAS_N
22
VDD_SDRAM18_06
23
RAM_CLK
24
RAM_CKE
Row V
1
SPI1_DATIN
2
SPI2_DATIO
3
SPI2_CLK
4
MS_DIO3
21
RAM_DQM[2]
22
RAM_WR_N
23
RAM_CAS_N
24
RAM_CS_N
Row W
1
SPI1_DATIO
2
MS_DIO0
3
SPI1_CLK
4
VSS
21
RAM_A[14]
22
VSS_SDRAM_07
23
RAM_DQM[1]
24
RAM_DQM[3]
Row Y
1
MS_BS
2
MS_DIO2
3
GPO_04
4
I2C1_SCL
21
VDD_SDRAM18_07
22
RAM_A[10]
23
RAM_A[12]
24
RAM_DQM[0]
Row AA
1
MS_SCLK
2
VDD_CORE12_01
3
GPI_06/
HSTIM_CAP
4
VDD1828
5
VSS_CORE_07
6
VSS
7
USB_ATX_INT_N
8
USB_DAT_VP/
U5_RX
9
I2C2_SDA
10
VSS_CORE_08
11
GPI_03
12
VDD_CORE12_06
13
14
i.c.[1]
15
VDD_IO18_02
16
FLASH_ALE
17
FLASH_RD_N
18
VSS_SDRAM_10
19
VDD_IO18_01
20
VDD_SDRAM18_09
21
RAM_A[05]
22
VSS_SDRAM_08
23
RAM_A[09]
24
RAM_A[13]
Row AB
1
GPO_11
2
VSS
3
TST_CLK2
4
VSS
5
VSS
6
VDD_CORE12_07
7
USB_SE0_VM/
U5_TX
8
VSS_IO18_04
Table 2.
Pin allocation table …continued
Pin
Symbol
Pin
Symbol
Pin
Symbol
Pin
Symbol
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM95241Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology 65nm/90nm 1 2 3 4 5 MoreNational Semiconductor
NX25F011B1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IP4770CZ16VGA/video interface with integrated buffers ESD protection and integrated termination resistors 1 2 3 4 5 MoreNXP Semiconductors
LPC2378Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP Ethernet USB 2.0 CAN and 10-bit ADC/DAC 1 2 3 4 5 MoreNXP Semiconductors
LM95234Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm™ Technology 1 2 3 4 5 National Semiconductor
MKP479AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type 1 2 3 4 5 MoreVishay Siliconix
ADE7169F16Single-Phase Energy Measurement IC with 8052 MCU RTC and LCD driver 1 2 3 4 5 MoreAnalog Devices
ADN2817Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs 1 2 3 4 5 MoreAnalog Devices
NIF5003NSelf−Protected FET with Temperature and Current Limit 1 2 3 4 5 ON Semiconductor
AD5627RDual 12-/14-/16-Bit nanoDACs with 5ppm/C On-Chip Ref I2C Interface 1 2 3 4 5 MoreAnalog Devices

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl