Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16836A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AVC16836A
Description  20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16836A Datasheet(HTML) 4 Page - NXP Semiconductors

  74AVC16836A Datasheet HTML 1Page - NXP Semiconductors 74AVC16836A Datasheet HTML 2Page - NXP Semiconductors 74AVC16836A Datasheet HTML 3Page - NXP Semiconductors 74AVC16836A Datasheet HTML 4Page - NXP Semiconductors 74AVC16836A Datasheet HTML 5Page - NXP Semiconductors 74AVC16836A Datasheet HTML 6Page - NXP Semiconductors 74AVC16836A Datasheet HTML 7Page - NXP Semiconductors 74AVC16836A Datasheet HTML 8Page - NXP Semiconductors 74AVC16836A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors
Product data
74AVC16836A
20-bit registered driver with inverted register enable
and Dynamic Controlled Outputs
™ (3-State)
2002 Aug 02
4
168-pin SDR SDRAM DIMM
The PLL clock distribution device and AVC registered drivers reduce
signal loads on the memory controller and prevent timing delays and
waveform distortions that would cause unreliable operation
AVC16836A
PCK2509S or PCK2510S
AVC16836A
BACK SIDE
FRONT SIDE
AVC16836A
SW00409
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
1.65
1.95
VCC
DC supply voltage (according to JEDEC Low Voltage Standards)
2.3
2.7
V
VCC
3.0
3.6
DC supply voltage (for low voltage applications)
1.2
3.6
V
VI
DC Input voltage range
0
3.6
V
VO
DC output voltage range; output 3-State
0
3.6
V
VO
DC output voltage range; output HIGH or LOW state
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
VCC = 1.65 to 2.3 V
0
30
tr, tf
Input rise and fall times
VCC = 2.3 to 3.0 V
0
20
ns/V
VCC = 3.0 to 3.6 V
0
10
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
For all inputs1
–0.5 to 4.6
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage; output 3-State
Note 1
–0.5 to 4.6
V
VO
DC output voltage; output HIGH or LOW state
Note 1
–0.5 to VCC +0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic thin-medium-shrink (TSSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 8 mW/K
600
mW
NOTE:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74AVC16836A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16836A PHILIPS-74AVC16836A Datasheet
127Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
74AVC16836ADGG NEXPERIA-74AVC16836ADGG Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
logo
NXP Semiconductors
74AVC16836A_5 PHILIPS-74AVC16836A_5_15 Datasheet
127Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
More results

Similar Description - 74AVC16836A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
74AVC16334A NEXPERIA-74AVC16334A Datasheet
227Kb / 14P
   16-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74AVC16834A PHILIPS-74AVC16834A Datasheet
121Kb / 13P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
logo
Nexperia B.V. All right...
74AVC16834A NEXPERIA-74AVC16834A Datasheet
234Kb / 14P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 12 September 2018
logo
NXP Semiconductors
74AVC16836A_5 PHILIPS-74AVC16836A_5_15 Datasheet
127Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
74AVC16334A PHILIPS-74AVC16334A Datasheet
108Kb / 10P
   16-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2000 Aug 03
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com