Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC16836A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AVC16836A
Description  20-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16836A Datasheet(HTML) 3 Page - NXP Semiconductors

  74AVC16836A Datasheet HTML 1Page - NXP Semiconductors 74AVC16836A Datasheet HTML 2Page - NXP Semiconductors 74AVC16836A Datasheet HTML 3Page - NXP Semiconductors 74AVC16836A Datasheet HTML 4Page - NXP Semiconductors 74AVC16836A Datasheet HTML 5Page - NXP Semiconductors 74AVC16836A Datasheet HTML 6Page - NXP Semiconductors 74AVC16836A Datasheet HTML 7Page - NXP Semiconductors 74AVC16836A Datasheet HTML 8Page - NXP Semiconductors 74AVC16836A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product data
74AVC16836A
20-bit registered driver with inverted register enable
and Dynamic Controlled Outputs
™ (3-State)
2002 Aug 02
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
28
NC
No connection
2, 3, 5, 6, 8, 9, 10, 12,
13, 14, 15, 16, 17, 19,
20, 21, 23, 24, 26, 27
Y0 to Y19
Data outputs
4, 11, 18, 25, 32, 35, 39,
46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage
1
OE
Output enable input
(active LOW)
29
LE
Latch enable input
(active LOW)
56
CP
Clock input
55, 54, 52, 51, 49, 48,
47, 45, 44, 43, 42, 41,
40, 38, 37, 36, 34, 33,
31, 30
A0 to A19
Data inputs
LOGIC SYMBOL
SH00201
CP
LE
D
OE
LE
A1
Y1
TO THE 17 OTHER CHANNELS
CP
TYPICAL INPUT (DATA OR CONTROL)
SH00200
A1
VCC
LOGIC SYMBOL (IEEE/IEC)
1
1
56
29
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
55
2
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
3D
1
2C3
EN1
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
OE
CP
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Y11
Y12
Y13
Y14
Y15
Y16
Y17
LE
C3
G2
SH00160
A18
A19
Y18
Y19
26
27
31
30
FUNCTION TABLE
INPUTS
OUTPUTS
OE
LE
CP
A
OUTPUTS
H
X
X
X
Z
L
L
X
L
L
L
L
X
H
H
L
H
L
L
L
H
H
H
L
H
H
X
Y01
L
H
L
X
Y02
H
=
HIGH voltage level
L
=
LOW voltage level
X
=
Don’t care
Z
=
High impedance “off” state
=
LOW-to-HIGH level transition
NOTES:
1. Output level before the indicated steady-state input conditions
were established, provided that CP is high before LE goes low.
2. Output level before the indicated steady-state input conditions
were established.


Similar Part No. - 74AVC16836A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16836A PHILIPS-74AVC16836A Datasheet
127Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
74AVC16836ADGG NEXPERIA-74AVC16836ADGG Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
logo
NXP Semiconductors
74AVC16836A_5 PHILIPS-74AVC16836A_5_15 Datasheet
127Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
More results

Similar Description - 74AVC16836A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC16836A NEXPERIA-74AVC16836A Datasheet
235Kb / 14P
   20-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 24 September 2018
74AVC16334A NEXPERIA-74AVC16334A Datasheet
227Kb / 14P
   16-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74AVC16834A PHILIPS-74AVC16834A Datasheet
121Kb / 13P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs (3-State)
2002 Sep 11
logo
Nexperia B.V. All right...
74AVC16834A NEXPERIA-74AVC16834A Datasheet
234Kb / 14P
   18-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 6 - 12 September 2018
logo
NXP Semiconductors
74AVC16836A_5 PHILIPS-74AVC16836A_5_15 Datasheet
127Kb / 11P
   20-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2002 Aug 02
74AVC16334A PHILIPS-74AVC16334A Datasheet
108Kb / 10P
   16-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2000 Aug 03
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com