Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

836EN-0208Z Datasheet(PDF) 1 Page - TOKO, Inc

Part # 836EN-0208Z
Description  Variable Coils for Surface Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

836EN-0208Z Datasheet(HTML) 1 Page - TOKO, Inc

  836EN-0208Z Datasheet HTML 1Page - TOKO, Inc 836EN-0208Z Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
102
Meeting Your Needs
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
TYPE FSDV
For Reflow Soldering
Frequency Range: 0.2-15MHz
Inductance Range: 1
µH-7mH
Q:60 at 455kHz
Temperature Range: –40
°C ~ +150°C
Features
• Reliability guaranteed to 1000 hour min.
• Pin flatness guaranteed at 0.1mm max.
• Application: AM, FM car radio. communication equipment
(Base Station) Car electronics, etc.
STANDARD COILS SELECTION GUIDE
TYPE FSDV
TOKO
Test
Inductance
Part
Inductance
Q
Frequency
Adjustable Range
Number
(
µH)
(min.)
(MHz)
(%)
836BN-0075Z
1.8
40
7.96
±3
836BN-0076Z
2.0
40
7.96
±3
836BN-0077Z
2.2
40
7.96
±3
836BN-0078Z
2.4
40
7.96
±6
836BN-0079Z
2.7
55
7.96
±3
836BN-0080Z
3.0
55
7.96
±3
836BN-0081Z
3.3
55
7.96
±3
836BN-0082Z
3.6
55
7.96
±4
836BN-0083Z
3.9
55
7.96
±4
836BN-0084Z
4.3
55
7.96
±4
836BN-0085Z
4.7
60
7.96
±4
836BN-0086Z
5.1
60
7.96
±4
836BN-0087Z
6.6
60
7.96
±4
836BN-0088Z
6.2
60
7.96
±4
836BN-0089Z
6.8
60
7.96
±4
836BN-0090Z
7.5
65
7.96
±4
836BN-0091Z
8.2
65
7.96
±4
836BN-0092Z
9.1
65
7.96
±4
836BN-0093Z
10
50
2.52
±5
836BN-0094Z
11
50
2.52
±5
836BN-0095Z
12
50
2.52
±5
836BN-0096Z
13
50
2.52
±5
836BN-0097Z
15
50
2.52
±5
836BN-0098Z
16
50
2.52
±5
836BN-0099Z
18
50
2.52
±5
836BN-0100Z
20
50
2.52
±5
836BN-0101Z
22
50
2.52
±5
TYPE
FSDV
Variable Coils for Surface Mounting
continued on next page


Similar Part No. - 836EN-0208Z

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
836EN-0208Z TOKO-836EN-0208Z Datasheet
26Kb / 2P
   Variable Coils for Surface Mounting
More results

Similar Description - 836EN-0208Z

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FSDV TOKO-FSDV Datasheet
26Kb / 2P
   Variable Coils for Surface Mounting
SA3M08 TOKO-SA3M08 Datasheet
84Kb / 1P
   Transponder Coils for Surface Mounting
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
   Transponder Coils for Surface Mounting
5CCEG TOKO-5CCEG Datasheet
215Kb / 1P
   Valiable Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
   Transponder Coils for Surface Mounting
SA3D12 TOKO-SA3D12_16 Datasheet
261Kb / 1P
   Transponder Coils for Surface Mounting
MC152 TOKO-MC152 Datasheet
28Kb / 2P
   Molded Coils for Surface Mounting
SA3D14 TOKO-SA3D14_16 Datasheet
279Kb / 1P
   Transponder Coils for Surface Mounting
SA3M12 TOKO-SA3M12 Datasheet
83Kb / 1P
   Transponder Coils for Surface Mounting
7KMM TOKO-7KMM Datasheet
31Kb / 2P
   Variable Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com