Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP304 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSP304
Description  P-channel enhancement mode vertical D-MOS transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP304 Datasheet(HTML) 6 Page - NXP Semiconductors

  BSP304 Datasheet HTML 1Page - NXP Semiconductors BSP304 Datasheet HTML 2Page - NXP Semiconductors BSP304 Datasheet HTML 3Page - NXP Semiconductors BSP304 Datasheet HTML 4Page - NXP Semiconductors BSP304 Datasheet HTML 5Page - NXP Semiconductors BSP304 Datasheet HTML 6Page - NXP Semiconductors BSP304 Datasheet HTML 7Page - NXP Semiconductors BSP304 Datasheet HTML 8Page - NXP Semiconductors BSP304 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1995 Apr 07
6
Philips Semiconductors
Product specification
P-channel enhancement mode
vertical D-MOS transistors
BSP304; BSP304A
Fig.10 Drain-source on-state resistance as a
function of drain current; typical values.
Tj =25 °C.
handbook, halfpage
0
10
20
30
40
50
60
1
101010
ID (mA)
VGS = 3 V
4 V
5 V
7 V
10 V
MLC692
23
6 V
R DSon
(
Ω)
Fig.11 Temperature coefficient of gate-source
threshold voltage.
Typical VGSth at ID = −1 mA; VDS =VGS.
k
V
GSth at Tj
V
GSth at 25 ° C
--------------------------------------
=
handbook, halfpage
0.8
0.9
1.0
1.1
0
50
100
150
50
k
T ( C)
j
o
MLC696
Fig.12 Temperature coefficient of drain-source
on-state resistance.
Typical RDSon at ID = −170 mA; VGS = −10 V.
k
R
DSon at Tj
R
DSon at 25 ° C
-----------------------------------------
=
handbook, halfpage
0
0.5
1
1.5
2
2.5
0
50
100
150
k
T ( C)
j
o
MLC695
50


Similar Part No. - BSP304

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BSP30 STMICROELECTRONICS-BSP30 Datasheet
73Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
Diotec Semiconductor
BSP30 DIOTEC-BSP30 Datasheet
174Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Siemens Semiconductor G...
BSP300 SIEMENS-BSP300 Datasheet
98Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
logo
Infineon Technologies A...
BSP300 INFINEON-BSP300 Datasheet
114Kb / 8P
   SIPMOS Small-Signal Transistor
02/12/1996
BSP300 INFINEON-BSP300 Datasheet
319Kb / 9P
   SIPMOS Small-Signal Transistor
Rev 2.0 2008-03-26
More results

Similar Description - BSP304

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP205 PHILIPS-BSP205 Datasheet
65Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BSP230 PHILIPS-BSP230 Datasheet
95Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
1997 Jun 17
BSP255 PHILIPS-BSP255 Datasheet
65Kb / 10P
   P-channel enhancement mode vertical D-MOS transistor
1996 Aug 05
BSP92 PHILIPS-BSP92 Datasheet
52Kb / 8P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BST100 PHILIPS-BST100 Datasheet
67Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BS208 PHILIPS-BS208 Datasheet
64Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BSP225 PHILIPS-BSP225 Datasheet
76Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
BSP250 PHILIPS-BSP250 Datasheet
114Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
1997 Jun 20
logo
Guangdong Kexin Industr...
KSP230 KEXIN-KSP230 Datasheet
47Kb / 2P
   P-Channel Enhancement Mode Vertical D-MOS Transistor
logo
Nexperia B.V. All right...
BSP225 NEXPERIA-BSP225 Datasheet
184Kb / 13P
   P-channel enhancement mode vertical D-MOS transistor
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com