Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72421L50JB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72421L50JB
Description  CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72421L50JB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72421L50JB Datasheet HTML 1Page - Integrated Device Technology IDT72421L50JB Datasheet HTML 2Page - Integrated Device Technology IDT72421L50JB Datasheet HTML 3Page - Integrated Device Technology IDT72421L50JB Datasheet HTML 4Page - Integrated Device Technology IDT72421L50JB Datasheet HTML 5Page - Integrated Device Technology IDT72421L50JB Datasheet HTML 6Page - Integrated Device Technology IDT72421L50JB Datasheet HTML 7Page - Integrated Device Technology IDT72421L50JB Datasheet HTML 8Page - Integrated Device Technology IDT72421L50JB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
5.07
1
IDT72421/72201/72211/72221/72231/72241 CMOS SyncFIFO
64 x 9, 256 x 9, 512 x 9, 1024 x 9, 2048 x 9 and 4096 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DECEMBER 1995
©1996 Integrated Device Technology, Inc
DSC-2655/6
For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.
IDT72421
IDT72201
IDT72211
IDT72221
IDT72231
IDT72241
CMOS SyncFIFO
64 X 9, 256 x 9, 512 x 9,
1024 X 9, 2048 X 9 and 4096 x 9
FEATURES:
• 64 x 9-bit organization (IDT72421)
• 256 x 9-bit organization (IDT72201)
• 512 x 9-bit organization (IDT72211)
• 1024 x 9-bit organization (IDT72221)
• 2048 x 9-bit organization (IDT72231)
• 4096 x 9-bit organization (IDT72241)
• 12 ns read/write cycle time (IDT72421/72201/72211)
• 15 ns read/write cycle time (IDT72221/72231/72241)
• Read and write clocks can be independent
• Dual-Ported zero fall-through time architecture
• Empty and Full flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags can
be set to any depth
• Programmable Almost-Empty and Almost-Full flags
default to Empty+7, and Full-7, respectively
• Output enable puts output data bus in high-impedance
state
• Advanced submicron CMOS technology
• Available in 32-pin plastic leaded chip carrier (PLCC),
ceramic leadless chip carrier (LCC), and 32-pin Thin
Quad Flat Pack (TQFP)
• For Through-Hole product please see the IDT72420/
72200/72210/72220/72230/72240 data sheet
FUNCTIONAL BLOCK DIAGRAM
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT72421/72201/72211/72221/72231/72241
SyncFIFO
™ are very high-speed, low-power First-In, First-
Out (FIFO) memories with clocked read and write controls.
The IDT72421/72201/72211/72221/72231/72241 have a 64,
256, 512, 1024, 2048, and 4096 x 9-bit memory array,
respectively. These FIFOs are applicable for a wide variety of
data buffering needs such as graphics, local area networks
and interprocessor communication.
These FIFOs have 9-bit input and output ports. The input
port is controlled by a free-running clock (WCLK), and two
write enable pins (
WEN1, WEN2). Data is written into the
Synchronous FIFO on every rising clock edge when the write
enable pins are asserted. The output port is controlled by
another clock pin (RCLK) and two read enable pins (
REN1,
REN2). The read clock can be tied to the write clock for single
clock operation or the two clocks can run asynchronous of one
another for dual-clock operation. An output enable pin (
OE) is
provided on the read port for three-state control of the output.
The Synchronous FIFOs have two fixed flags, Empty (
EF)
and Full (
FF). Two programmable flags, Almost-Empty (PAE)
and Almost-Full (
PAF), are provided for improved system
control. The programmable flags default to Empty+7 and Full-
7 for
PAE and PAF, respectively. The programmable flag
offset loading is controlled by a simple state machine and is
initiated by asserting the load pin (
LD).
The IDT72421/72201/72211/72221/72231/72241 are
fabricated using IDT’s high-speed submicron CMOS
technology. Military grade product is manufactured in
compliance with the latest revision of MIL-STD-883, Class B.
WCLK
WEN1
WEN2
D0 - D8
LD
OFFSET REGISTER
INPUT REGISTER
RAM ARRAY
64 x 9, 256 x 9,
512 x 9, 1024 x 9,
2048 x 9, 4096 x 9
WRITE CONTROL
LOGIC
WRITE POINTER
RESET LOGIC
OUTPUT REGISTER
OE
RS
Q0 - Q8
RCLK
REN1
REN2
READ CONTROL
LOGIC
READ POINTER
FLAG
LOGIC
EF
PAE
PAF
FF
2655 drw 01
SyncFIFO is a trademark and the IDT logo is a registered trademark of Integrated Device Technology, Inc.


Similar Part No. - IDT72421L50JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421L10J IDT-IDT72421L10J Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10JI IDT-IDT72421L10JI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10PF IDT-IDT72421L10PF Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L10PFI IDT-IDT72421L10PFI Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72421L15J IDT-IDT72421L15J Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results

Similar Description - IDT72421L50JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com