Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC123YM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC123YM
Description  NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 10 k-ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC123YM Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC123YM Datasheet HTML 1Page - NXP Semiconductors PDTC123YM Datasheet HTML 2Page - NXP Semiconductors PDTC123YM Datasheet HTML 3Page - NXP Semiconductors PDTC123YM Datasheet HTML 4Page - NXP Semiconductors PDTC123YM Datasheet HTML 5Page - NXP Semiconductors PDTC123YM Datasheet HTML 6Page - NXP Semiconductors PDTC123YM Datasheet HTML 7Page - NXP Semiconductors PDTC123YM Datasheet HTML 8Page - NXP Semiconductors PDTC123YM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
9397 750 14017
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 24 March 2005
5 of 11
Philips Semiconductors
PDTC123Y series
NPN resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 10 kΩ
7.
Characteristics
Table 8:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB =0A
-
-
1
µA
VCE =30V; IB =0A;
Tj = 150 °C
--
50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
700
µA
hFE
DC current gain
VCE =5V; IC = 5 mA
35
-
-
VCEsat
collector-emitter
saturation voltage
IC =10 mA; IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input voltage
VCE =5V; IC = 100 µA
-
0.75
0.3
V
VI(on)
on-state input voltage
VCE = 300 mV; IC = 20 mA
2.5
1.15
-
V
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
R2/R1
bias resistor ratio
3.6
4.5
5.5
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
--
2
pF


Similar Part No. - PDTC123YM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC123YM NXP-PDTC123YM Datasheet
145Kb / 11P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
logo
Nexperia B.V. All right...
PDTC123YM NEXPERIA-PDTC123YM Datasheet
237Kb / 19P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
PDTC123YMB NEXPERIA-PDTC123YMB Datasheet
749Kb / 12P
   NPN resistor-equipped transistor; R1 = 2.2 k廓, R2 = 10 k廓
More results

Similar Description - PDTC123YM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC123E PHILIPS-PDTC123E Datasheet
91Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
2004 Aug 06
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
PDTC124E PHILIPS-PDTC124E Datasheet
91Kb / 14P
   NPN resistor-equipped transistors; R1 = 22 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC144W PHILIPS-PDTC144W Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC144E PHILIPS-PDTC144E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
PUMD15 PHILIPS-PUMD15 Datasheet
61Kb / 10P
   NPN/PNP resistor-equipped transistors : R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
Rev. 02-25 April 2005
PDTA143E PHILIPS-PDTA143E Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
2004 Aug 04
PDTC123Y NXP-PDTC123Y Datasheet
145Kb / 11P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
PDTC123E NXP-PDTC123E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 06
PEMH20_PUMH20 PHILIPS-PEMH20_PUMH20_15 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com