Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB17 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PEMB17
Description  PNP/PNP resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PEMB17 Datasheet(HTML) 3 Page - NXP Semiconductors

  PEMB17 Datasheet HTML 1Page - NXP Semiconductors PEMB17 Datasheet HTML 2Page - NXP Semiconductors PEMB17 Datasheet HTML 3Page - NXP Semiconductors PEMB17 Datasheet HTML 4Page - NXP Semiconductors PEMB17 Datasheet HTML 5Page - NXP Semiconductors PEMB17 Datasheet HTML 6Page - NXP Semiconductors PEMB17 Datasheet HTML 7Page - NXP Semiconductors PEMB17 Datasheet HTML 8Page - NXP Semiconductors PEMB17 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
9397 750 14372
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 3 February 2005
3 of 11
Philips Semiconductors
PEMB17; PUMB17
PNP/PNP resistor-equipped transistors; R1 = 47 k
Ω, R2 = 22 kΩ
5.
Limiting values
[1]
Device mounted on a FR4 printed-circuit board, single-sided copper, standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
6.
Thermal characteristics
[1]
Device mounted on a FR4 printed-circuit board, single-sided copper, standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
−50
V
VCEO
collector-emitter voltage
open base
-
−50
V
VEBO
emitter-base voltage
open collector
-
−10
V
VI
input voltage
positive
-
+10
V
negative
-
−40
V
IO
output current (DC)
-
−100
mA
ICM
peak collector current
-
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -
200
mW
SOT666
[1] [2] -
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -
300
mW
SOT666
[1] [2] -
300
mW
Table 7:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
Tamb ≤ 25 °C
SOT363
[1] -
-
625
K/W
SOT666
[1] [2] -
-
625
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
Tamb ≤ 25 °C
SOT363
[1] -
-
416
K/W
SOT666
[1] [2] -
-
416
K/W


Similar Part No. - PEMB17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
logo
Nexperia B.V. All right...
PEMB17 NEXPERIA-PEMB17 Datasheet
186Kb / 12P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03 - 1 September 2009
More results

Similar Description - PEMB17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PEMB2_PUMB2 PHILIPS-PEMB2_PUMB2_15 Datasheet
628Kb / 14P
   PNP/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k?
Rev. 3-17 November 2011
logo
Nexperia B.V. All right...
PEMB2 NEXPERIA-PEMB2 Datasheet
627Kb / 14P
   PNP/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 3 - 17 November 2011
logo
NXP Semiconductors
PDTC144E PHILIPS-PDTC144E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
logo
Nexperia B.V. All right...
PDTA144E_SER NEXPERIA-PDTA144E_SER Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 8 - 14 November 2011
logo
NXP Semiconductors
PDTA143E PHILIPS-PDTA143E Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
2004 Aug 04
logo
Nexperia B.V. All right...
PEMD16 NEXPERIA-PEMD16_V01 Datasheet
125Kb / 11P
   NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 47 k
Rev. 3 - 28 June 2011
logo
NXP Semiconductors
PEMD16_PUMD16 PHILIPS-PEMD16_PUMD16_15 Datasheet
126Kb / 11P
   NPN/PNP resistor-equipped transistors R1 = 22 k?? R2 = 47 k?
Rev. 3-28 June 2011
PEMB1_PUMB1 PHILIPS-PEMB1_PUMB1_15 Datasheet
208Kb / 14P
   PNP/PNP resistor-equipped transistors R1 = 22 k?? R2 = 22 k?
Rev. 3-28 November 2011
logo
Nexperia B.V. All right...
PEMB9 NEXPERIA-PEMB9_V01 Datasheet
920Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 3 - 22 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com