Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8143 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8143
Description  High Speed, Triple Differential Receiver with Comparators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143 Datasheet(HTML) 1 Page - Analog Devices

  AD8143 Datasheet HTML 1Page - Analog Devices AD8143 Datasheet HTML 2Page - Analog Devices AD8143 Datasheet HTML 3Page - Analog Devices AD8143 Datasheet HTML 4Page - Analog Devices AD8143 Datasheet HTML 5Page - Analog Devices AD8143 Datasheet HTML 6Page - Analog Devices AD8143 Datasheet HTML 7Page - Analog Devices AD8143 Datasheet HTML 8Page - Analog Devices AD8143 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
High Speed, Triple Differential
Receiver with Comparators
AD8143
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
160 MHz large signal bandwidth
1000 V/μs slew rate @ G = 1, VO = 2 V p-p
High CMRR: 65 dB @ 10 MHz
High differential input impedance: 5 MΩ
Input common-mode range: ±10.5 V (±12 V supplies)
User-adjustable gain
Wide power supply range: +5 V to ±12 V
Fast settling: 8 ns to 1%
Disable feature
Low offset: ±3.4 mV on 5 V supply
2 on-chip comparators
Small packaging: 32-lead, 5 mm × 5 mm LFCSP
APPLICATIONS
RGB video receivers
KVM (keyboard-video-mouse)
UTP (unshielded twisted pair) receivers
PIN CONFIGURATION
REF_G
GND
IN+_G
FB_G
REF_R
IN–_G
GND
FB_R
OUT_B
GND
OUT_R
OUT_G
COMPB_IN+
VS+
GND
COMPB_IN–
AD8143
A
B
32
31
30
29
28
27
26
25
9
10
11121314
1516
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
Figure 1.
GENERAL DESCRIPTION
The AD8143 is a triple, low cost, differential-to-
single-ended receiver specifically designed for
receiving red-green-blue (RGB) signals over twisted
pair cable. It can also be used for receiving any type of
analog signal or high speed data transmission. Two
auxiliary comparators are provided to receive digital
or sync signals. The AD8143 can be used in conjunction
with the AD8133 and AD8134 triple, differential
drivers to provide a complete low cost solution for
RGB over Category-5 UTP cable applications,
including KVM.
The excellent common-mode rejection (65 dB @
10 MHz) of the AD8143 allows for the use of low cost
unshielded twisted pair cables in noisy environments.
The AD8143 has a wide power supply range from single +5 V
supply to ±12 V, which allows for a wide common-mode range.
The wide common-mode input range of the AD8143 maintains
signal integrity in systems where the ground potential is a few
volts different between the drive and receive ends without the
use of isolation transformers.
The AD8143 is stable at a gain of 1. Closed-loop gain is easily
set using external resistors.
The AD8143 is available in a 5 mm × 5 mm, 32-lead LFCSP and
is rated to work over the extended industrial temperature range
of −40°C to +85°C.


Similar Part No. - AD8143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8143 AD-AD8143 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143-EVALZ AD-AD8143-EVALZ Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143ACPZ-R2 AD-AD8143ACPZ-R2 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143ACPZ-REEL AD-AD8143ACPZ-REEL Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143ACPZ-REEL7 AD-AD8143ACPZ-REEL7 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
More results

Similar Description - AD8143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
   High Speed, Triple Differential Receiver with Comparators
REV. A
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
Analog Devices
AD8122 AD-AD8122 Datasheet
402Kb / 13P
   Triple Differential Receiver
Rev. PrC
logo
Texas Instruments
SN65LVDS33-EP TI1-SN65LVDS33-EP Datasheet
618Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
SN55LVDS33-SP TI1-SN55LVDS33-SP Datasheet
252Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com