Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8159 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8159
Description  3.2 Gbps Quad Buffer Mux/Demux
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159 Datasheet(HTML) 5 Page - Analog Devices

  AD8159 Datasheet HTML 1Page - Analog Devices AD8159 Datasheet HTML 2Page - Analog Devices AD8159 Datasheet HTML 3Page - Analog Devices AD8159 Datasheet HTML 4Page - Analog Devices AD8159 Datasheet HTML 5Page - Analog Devices AD8159 Datasheet HTML 6Page - Analog Devices AD8159 Datasheet HTML 7Page - Analog Devices AD8159 Datasheet HTML 8Page - Analog Devices AD8159 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8159
Rev. A | Page 5 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
74
EQ_A
73
EQ_B
72
EQ_C
69
SEL1
70
SEL2
71
SEL3
75
VCC
68
SEL0
67
LB_C
66
LB_B
64
BICAST
63
VCC
62
IP_B0
61
IN_B0
60
VEE
59
IP_B1
58
IN_B1
57
VTTI
56
IP_B2
55
IN_B2
54
VEE
53
IP_B3
52
IN_B3
51
VCC
65
LB_A
PIN 1
NC = NO CONNECT
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
2
VCC
3
VEE
4
VEE
7
PE_A1
6
PE_A0
5
VEE
1
NC
8
PE_B0
9
PE_B1
10
PE_C0
12
REVERSE_C
13
VCC
14
ON_A3
15
OP_A3
16
VEE
17
ON_A2
18
OP_A2
19
VTTO
20
ON_A1
21
OP_A1
22
VEE
23
ON_A0
24
OP_A0
25
VCC
11
PE_C1
AD8159
TOP VIEW
(Not to Scale)
NOTES
1. THE AD8159 TQFP HAS AN EXPOSED PADDLE (ePAD) ON THE UNDERSIDE OF THE PACKAGE WHICH AIDS
IN HEAT DISSIPATION. THE ePAD MUST BE ELECTRICALLY CONNECTED TO THE VEE SUPPLY PLANE IN ORDER
TO MEET THERMAL SPECIFICATIONS.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
NC
N/A
No connect
2, 13, 25, 26, 38, 50, 51, 63, 75, 76, 88, 100
VCC
Power
Positive supply
3 to 5, 16, 22, 29, 35, 41, 47, 54, 60, 79, 85, 91, 97
VEE
Power
Negative supply
6
PE_A0
Control
Pre-emphasis control for Port A (LSB)
7
PE_A1
Control
Pre-emphasis control for Port A (MSB)
8
PE_B0
Control
Pre-emphasis control for Port B (LSB)
9
PE_B1
Control
Pre-emphasis control for Port B (MSB)
10
PE_C0
Control
Pre-emphasis control for Port C (LSB)
11
PE_C1
Control
Pre-emphasis control for Port C (MSB)
12
REVERSE_C
Control
Reverse inputs and outputs on Port C
14
ON_A3
I/O
High speed output complement
15
OP_A3
I/O
High speed output
17
ON_A2
I/O
High speed output complement
18
OP_A2
I/O
High speed output
19, 44
VTTO
Power
Port A and Port B output termination supply
20
ON_A1
I/O
High speed output complement
21
OP_A1
I/O
High speed output
23
ON_A0
I/O
High speed output complement
24
OP_A0
I/O
High speed output
27
IN_A3
I/O
High speed input complement


Similar Part No. - AD8159

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
logo
List of Unclassifed Man...
AD815 ETC1-AD815 Datasheet
141Kb / 1P
   SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD815 AD-AD815 Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
AD815-EB AD-AD815-EB Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
More results

Similar Description - AD8159

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8158 AD-AD8158 Datasheet
707Kb / 36P
   6.5 Gbps Quad Buffer Mux/Demux
REV. 0
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
   3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8155 AD-AD8155 Datasheet
1Mb / 36P
   6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
   Quad 2 1 Mux/DeMux BusSwitch
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
   Quad 2:1 MUX/DEMUX BusSwitch
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
   Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Exar Corporation
PEB2756AE EXAR-PEB2756AE Datasheet
143Kb / 3P
   QUAD STS-192/STM-64 MUX/DEMUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com