Selected language     English  ▼


AD8224 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD8224
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 4 page
background image
AD8224
Preliminary Technical Data
Parameter
Test Conditions
Min
A Grade
Typ
Max
Unit
G = 1000
RL = 10 kΩ
400
500
ppm
G = 1
RL = 2 kΩ
10
15
ppm
G = 10
RL = 2 kΩ
10
15
ppm
G = 100
RL = 2 kΩ
50
75
ppm
Gain vs. Temperature
G = 1
3
10
ppm/°C
G > 10
−50
ppm/°C
INPUT
Impedance (Pin to Ground)3
104||5
GΩ||pF
Input Operating Voltage Range4
VS = ±2.25 V to ±18 V for dual supplies
−VS − 0.1
+VS − 2
V
Over Temperature
T = −40°C to +85°C
−VS − 0.1
+VS − 2.1
V
OUTPUT
Output Swing
RL = 2 kΩ
−14.3
+14.3
V
Over Temperature
T = −40°C to +85
°C
−14.3
+14.1
V
Output Swing
RL = 10 kΩ
−14.7
+14.7
V
Over Temperature
T = −40°C to +85°C
−14.6
+14.6
V
Short-Circuit Current
15
mA
REFERENCE INPUT
RIN
40
IIN
VIN+, VIN− = 0 V
70
μA
Voltage Range
−VS
+VS
V
Gain to Output
1 ± 0.0001
V/V
POWER SUPPLY (PER AMPLIFIER)
Operating Range
±2.255
±18
V
Quiescent Current
750
μA
Over Temperature
T = −40°C to +85°C
850
μA
TEMPERATURE RANGE
For Specified Performance
−40
+85
°C
Operational6
−40
+125
°C
1 Refers to differential configuration shown in Figure 64.
2 Please refer to Figure 16 and Figure 17 for the relationship between input current and temperature.
3 Differential and common-mode input impedance can be calculated from the pin impedance: ZDIFF = 2(ZPIN); ZCM = ZPIN/2.
4 The AD8224 can operate up to a diode drop below the negative supply but the bias current increases sharply. The input voltage range reflects the maximum
allowable voltage where the input bias current is within the specification.
5 At this supply voltage, ensure that the input common-mode voltage is within the input voltage range specification.
6 The AD8224 is characterized from −40°C to +125°C. See the Typical Performance Characteristics section for expected operation in this temperature range.
Rev. PrB | Page 4 of 27




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor (TI)
LF355BSeries Monolithic JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
ADA4004-41.8 nV/root Hz 36 V Precision Quad Amplifier 1 2 3 4 5 MoreAnalog Devices
AD8500Micropower Precision CMOS Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
MHW9188ANGallium Arsenide CATV Amplifier Module 1 2 3 4 Freescale Semiconductor, Inc
ADN28803.2 Gbps 3.3 V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
AD518LOW-COST HIGH-SPEED IC OPERATIONAL AMPLIFIER 1 2 Analog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl